Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
DocID023312 Rev 2
33/52
LSM303D
Register description
52
8.10
OFFSET_X_L_M (16h), OFFSET_X_H_M (17h)
Magnetic offset for X-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement.
8.11
OFFSET_Y_L_M (18h), OFFSET_Y_H_M (19h)
Magnetic offset for Y-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement.
8.12
OFFSET_Z_L_M (1Ah), OFFSET_Z_H_M (1Bh)
Magnetic offset for Z-axis. Default value: 0.
The value is expressed in 16-bit as two’s complement.
8.13
REFERENCE_X (1Ch)
Reference value for high-pass filter for X-axis acceleration data.
8.14
REFERENCE_Y (1Dh)
Reference value for high-pass filter for Y-axis acceleration data.
Table 26. OFFSET_X_L_M register
OFF_X_7
OFF_X_6
OFF_X_5
OFF_X_4
OFF_X_3
OFF_X_2
OFF_X_1
OFF_X_0
Table 27. OFFSET_X_H_M register
OFF_X_15 OFF_X_14 OFF_X_13 OFF_X_12 OFF_X_11 OFF_X_10 OFF_X_9
OFF_X_8
Table 28. OFFSET_Y_L_M register
OFF_Y_7
OFF_Y_6
OFF_Y_5
OFF_Y_4
OFF_Y_3
OFF_Y_2
OFF_Y_1
OFF_Y_0
Table 29. OFFSET_Y_H_M register
OFF_Y_15 OFF_Y_14 OFF_Y_13 OFF_Y_12 OFF_Y_11 OFF_Y_10 OFF_Y_9
OFF_Y_8
Table 30. OFFSET_Z_L_M register
OFF_Z_7
OFF_Z_6
OFF_Z_5
OFF_Z_4
OFF_Z_3
OFF_Z_2
OFF_Z_1
OFF_Z_0
Table 31. OFFSET_Z_H_M register
OFF_Z_15 OFF_Z_14 OFF_Z_13 OFF_Z_12 OFF_Z_11 OFF_Z_10 OFF_Z_9
OFF_Z_8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com