Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C752B Datasheet HTML 1Page - NXP Semiconductors SC16C752B Datasheet HTML 2Page - NXP Semiconductors SC16C752B Datasheet HTML 3Page - NXP Semiconductors SC16C752B Datasheet HTML 4Page - NXP Semiconductors SC16C752B Datasheet HTML 5Page - NXP Semiconductors SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
5 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type
Description
LQFP48 HVQFN32
A0
28
19
I
Address 0 select bit. Internal registers address selection.
A1
27
18
I
Address 1 select bit. Internal registers address selection.
A2
26
17
I
Address 2 select bit. Internal registers address selection.
CDA, CDB
40, 16
-
I
Carrier Detect (Active-LOW). These inputs are associated with individual
UART channels A and B. A logic LOW on these pins indicates that a carrier
has been detected by the modem for that channel. The state of these inputs
is reflected in the modem status register (MSR).
CSA, CSB
10, 11
8, 9
I
Chip Select (Active-LOW). These pins enable data transfers between the
user CPU and the SC16C752B for the channel(s) addressed. Individual
UART sections (A, B) are addressed by providing a logic LOW on the
respective CSA and CSB pins.
CTSA,
CTSB
38, 23
25, 16
I
Clear to Send (Active-LOW). These inputs are associated with individual
UART channels A and B. A logic 0 (LOW) on the CTS pins indicates the
modem or data set is ready to accept transmit data from the SC16C752B.
Status can be tested by reading MSR[4]. These pins only affect the transmit
and receive operations when Auto-CTS function is enabled via the Enhanced
Feature Register EFR[7] for hardware flow control operation.
D0-D4,
D5-D7
44-48,
1-3
27-31, 32,
1-2
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data stream.
DSRA,
DSRB
39, 20
-
I
Data Set Ready (Active-LOW). These inputs are associated with individual
UART channels A and B. A logic 0 (LOW) on these pins indicates the modem
or data set is powered-on and is ready for data exchange with the UART. The
state of these inputs is reflected in the modem status register (MSR).
DTRA,
DTRB
34, 35
-
O
Data Terminal Ready (Active-LOW). These outputs are associated with
individual UART channels A and B. A logic 0 (LOW) on these pins indicates
that the SC16C752B is powered-on and ready. These pins can be controlled
via the modem control register. Writing a logic 1 to MCR[0] will set the DTR
output to logic 0 (LOW), enabling the modem. The output of these pins will
be a logic 1 after writing a logic 0 to MCR[0], or after a reset.
GND
17
13
I
Signal and power ground.
INTA, INTB
30, 29
21, 20
O
Interrupt A and B (Active-HIGH). These pins provide individual channel
interrupts INTA and INTB. INTA and INTB are enabled when MCR[3] is set to
a logic 1, interrupt sources are enabled in the interrupt enable register (IER).
Interrupt conditions include: receiver errors, available receiver buffer data,
available transmit buffer space, or when a modem status flag is detected.
INTA, INTB are in the high-impedance state after reset.
IOR
19
14
I
Input/Output Read strobe (Active-LOW). A HIGH-to-LOW transition on
IOR will load the contents of an internal register defined by address bits
A0-A2 onto the SC16C752B data bus (D0-D7) for access by external CPU.
IOW15
12
I
Input/Output Write strobe (Active-LOW). A LOW-to-HIGH transition on
IOW will transfer the contents of the data bus (D0-D7) from the external CPU
to an internal register that is defined by address bits A0-A2 and CSA and
CSB.
n.c.
12, 24,
25, 37
-
-
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com