Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 19Page - NXP Semiconductors SC16C752B Datasheet HTML 20Page - NXP Semiconductors SC16C752B Datasheet HTML 21Page - NXP Semiconductors SC16C752B Datasheet HTML 22Page - NXP Semiconductors SC16C752B Datasheet HTML 23Page - NXP Semiconductors SC16C752B Datasheet HTML 24Page - NXP Semiconductors SC16C752B Datasheet HTML 25Page - NXP Semiconductors SC16C752B Datasheet HTML 26Page - NXP Semiconductors SC16C752B Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
23 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.4 Line control register (LCR)
This register controls the data communication format. The word length, number of
stop bits, and parity type are selected by writing the appropriate bits to the LCR.
Table 12 shows the line control register bit settings.
Table 12:
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
Divisor latch enable.
Logic 0 = Divisor latch disabled (normal default condition).
Logic 1 = Divisor latch enabled.
6
LCR[6]
Break control bit. When enabled, the Break control bit causes a break
condition to be transmitted (the TX output is forced to a logic 0 state).
This condition exists until disabled by setting LCR[6] to a logic 0.
Logic 0 = no TX break condition (normal default condition).
Logic 1 = forces the transmitter output (TX) to a logic 0 to alert the
communication terminal to a line break condition.
5
LCR[5]
Set parity. LCR[5] selects the forced parity format (if LCR[3] = 1).
Logic 0 = parity is not forced (normal default condition).
LCR[5] = logic 1 and LCR[4] = logic 0: parity bit is forced to a logical 1
for the transmit and receive data.
LCR[5] = logic 1 and LCR[4] = logic 1: parity bit is forced to a logical 0
for the transmit and receive data.
4
LCR[4]
Parity type select.
Logic 0 = ODD Parity is generated (if LCR[3] = 1).
Logic 1 = EVEN Parity is generated (if LCR[3] = 1).
3
LCR[3]
Parity enable.
Logic 0 = no parity (normal default condition).
Logic 1 = a parity bit is generated during transmission and the
receiver checks for received parity.
2
LCR[2]
Number of Stop bits. Specifies the number of stop bits.
0 - 1 stop bit (word length = 5, 6, 7, 8)
1 - 1.5 stop bits (word length = 5)
1 = 2 stop bits (word length = 6, 7, 8)
1:0
LCR[1:0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received.
00 - 5 bits
01 - 6 bits
10 - 7 bits
11 - 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com