Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 34Page - NXP Semiconductors SC16C752B Datasheet HTML 35Page - NXP Semiconductors SC16C752B Datasheet HTML 36Page - NXP Semiconductors SC16C752B Datasheet HTML 37Page - NXP Semiconductors SC16C752B Datasheet HTML 38Page - NXP Semiconductors SC16C752B Datasheet HTML 39Page - NXP Semiconductors SC16C752B Datasheet HTML 40Page - NXP Semiconductors SC16C752B Datasheet HTML 41Page - NXP Semiconductors SC16C752B Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
38 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 19. Receive ready timing in non-FIFO mode.
D0
D1
D2
D3
D4
D5
D6
D7
ACTIVE
DATA
READY
ACTIVE
002aaa240
td16
NEXT
DATA
START
BIT
STOP
BIT
PARITY
BIT
START
BIT
td15
RXA
RXB
RXRDYA
RXRDYB
IOR
DATA BITS (5-8)
Fig 20. Receive ready timing in FIFO mode.
D0
D1
D2
D3
D4
D5
D6
D7
ACTIVE
DATA
READY
ACTIVE
002aaa241
td16
STOP
BIT
PARITY
BIT
START
BIT
td15
RXA
RXB
RXRDYA
RXRDYB
IOR
DATA BITS (5-8)
FIRST BYTE THAT
REACHES THE
TRIGGER LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com