Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 23Page - NXP Semiconductors SC16C752B Datasheet HTML 24Page - NXP Semiconductors SC16C752B Datasheet HTML 25Page - NXP Semiconductors SC16C752B Datasheet HTML 26Page - NXP Semiconductors SC16C752B Datasheet HTML 27Page - NXP Semiconductors SC16C752B Datasheet HTML 28Page - NXP Semiconductors SC16C752B Datasheet HTML 29Page - NXP Semiconductors SC16C752B Datasheet HTML 30Page - NXP Semiconductors SC16C752B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
27 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
IER[7:4] can only be modified if EFR[4] is set, i.e., EFR[4] is a write enable. Re-enabling IER[1] will
not cause a new interrupt if the THR is below the threshold.
7.9 Interrupt identification register (IIR)
The IIR is a read-only 8-bit register which provides the source of the interrupt in a
prioritized manner. Table 17 shows interrupt identification register bit settings.
The interrupt priority list is shown in Table 18.
4
IER[4] [1]
Sleep mode.
Logic 0 = Disable sleep mode (normal default condition).
Logic 1 = Enable sleep mode. See Section 6.7 “Sleep mode” for details.
3
IER[3]
Modem Status Interrupt.
Logic 0 = Disable the modem status register interrupt (normal default
condition).
Logic 1 = Enable the modem status register interrupt.
2
IER[2]
Receive Line Status interrupt.
Logic 0 = Disable the receiver line status interrupt (normal default
condition).
Logic 1 = Enable the receiver line status interrupt.
1
IER[1]
Transmit Holding Register interrupt.
Logic 0 = Disable the THR interrupt (normal default condition).
Logic 1 = Enable the THR interrupt.
0
IER[0]
Receive Holding Register interrupt.
Logic 0 = Disable the RHR interrupt (normal default condition).
Logic 1 = Enable the RHR interrupt.
Table 16:
Interrupt Enable Register bits description…continued
Bit
Symbol
Description
Table 17:
Interrupt Identification Register bits description
Bit
Symbol
Description
7:6
IIR[7:6]
Mirror the contents of FCR[0].
5
IIR[5]
RTS/CTS LOW-to-HIGH change of state.
4
IIR[4]
1 = Xoff/Special character has been detected.
3:1
IIR[3:1]
3-bit encoded interrupt. See Table 18.
0
IIR[0]
Interrupt status.
Logic 0 = An interrupt is pending.
Logic 1 = No interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com