Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 18Page - NXP Semiconductors SC16C752B Datasheet HTML 19Page - NXP Semiconductors SC16C752B Datasheet HTML 20Page - NXP Semiconductors SC16C752B Datasheet HTML 21Page - NXP Semiconductors SC16C752B Datasheet HTML 22Page - NXP Semiconductors SC16C752B Datasheet HTML 23Page - NXP Semiconductors SC16C752B Datasheet HTML 24Page - NXP Semiconductors SC16C752B Datasheet HTML 25Page - NXP Semiconductors SC16C752B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
22 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.3 FIFO control register (FCR)
This is a write-only register that is used for enabling the FIFOs, clearing the FIFOs,
setting transmitter and receiver trigger levels, and selecting the type of DMA
signalling. Table 11 shows FIFO control register bit settings.
Table 11:
FIFO Control Register bits description
Bit
Symbol
Description
7:6
FCR[7]
(MSB),
FCR[6]
(LSB)
RCVR trigger. Sets the trigger level for the RX FIFO.
00 - 8 characters
01 - 16 characters
10 - 56 characters
11 - 60 characters
5:4
FCR[5]
(MSB),
FCR[4]
(LSB)
TX trigger. Sets the trigger level for the TX FIFO.
00 - 8 spaces
01 - 16 spaces
10 - 32 spaces
11 - 56 spaces
FCR[5:4] can only be modified and enabled when EFR[4] is set. This is
because the transmit trigger level is regarded as an enhanced function.
3
FCR[3]
DMA mode select.
Logic 0 = Set DMA mode ‘0’
Logic 1 = Set DMA mode ‘1’
2
FCR[2]
Reset TX FIFO.
Logic 0 = No FIFO transmit reset (normal default condition).
Logic 1 = Clears the contents of the transmit FIFO and resets the
FIFO counter logic (the transmit shift register is not cleared or
altered). This bit will return to a logic 0 after clearing the FIFO.
1
FCR[1]
Reset RX FIFO.
Logic 0 = No FIFO receive reset (normal default condition).
Logic 1 = Clears the contents of the receive FIFO and resets the FIFO
counter logic (the receive shift register is not cleared or altered). This
bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFO enable.
Logic 0 = Disable the transmit and receive FIFO (normal default
condition).
Logic 1 = Enable the transmit and receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com