Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752B Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors SC16C752B Datasheet HTML 10Page - NXP Semiconductors SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors SC16C752B Datasheet HTML 13Page - NXP Semiconductors SC16C752B Datasheet HTML 14Page - NXP Semiconductors SC16C752B Datasheet HTML 15Page - NXP Semiconductors SC16C752B Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
12 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.4 Reset
Table 4 summarizes the state of register after reset.
[1]
Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal
RESET, i.e., they hold their initialization values during reset.
Table 5 summarizes the state of registers after reset.
Table 4:
Register reset functions
Register
Reset control
Reset state
Interrupt enable register
RESET
All bits cleared.
Interrupt identification register
RESET
Bit 0 is set. All other bits cleared.
FIFO control register
RESET
All bits cleared.
Line control register
RESET
Reset to 00011101 (1D hex).
Modem control register
RESET
All bits cleared.
Line status register
RESET
Bits 5 and 6 set. All other bits cleared.
Modem status register
RESET
Bits 0-3 cleared. Bits 4-7 input signals.
Enhanced feature register
RESET
All bits cleared.
Receiver holding register
RESET
Pointer logic cleared.
Transmitter holding register
RESET
Pointer logic cleared.
Transmission control register
RESET
All bits cleared.
Trigger level register
RESET
All bits cleared.
Table 5:
Signal RESET functions
Signal
Reset control
Reset state
TX
RESET
high
RTS
RESET
high
DTR
RESET
high
RXRDY
RESET
high
TXRDY
RESET
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com