Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 100Page - National Semiconductor (TI) PC87360 Datasheet HTML 101Page - National Semiconductor (TI) PC87360 Datasheet HTML 102Page - National Semiconductor (TI) PC87360 Datasheet HTML 103Page - National Semiconductor (TI) PC87360 Datasheet HTML 104Page - National Semiconductor (TI) PC87360 Datasheet HTML 105Page - National Semiconductor (TI) PC87360 Datasheet HTML 106Page - National Semiconductor (TI) PC87360 Datasheet HTML 107Page - National Semiconductor (TI) PC87360 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
104
www.national.com
3.4.31
Standby GPIOE/GPIE Data Out Register 0 (SB_GPDO0)
This register is set to 3Fh on VPP power-up or software reset, only when the Lock bit of the SBGPCFG register is set to 0.
It determines the value to be driven on the GPIOE pins when configured as outputs.
Location:
Offset 08h
Type:
R/W
3.4.32
Standby GPIOE/GPIE Data In Register 0 (SB_GPDI0)
This register reflects the values of the GPIE7-6 and GPIOE5-0 pins. Write to this register is ignored.
Location:
Offset 09h
Type:
RO
Bit
76543210
Name
Reserved
Data Out
Reset
00111111
Bit
Description
7-6
Reserved
5
Data Out. Bits 5-0 correspond to pins GPIOE5-0 respectively. The value of each bit determines the value driven
on the corresponding GPIOE pin when its output buffer is enabled. Writing to the bit latches the written data
unless the bit is locked by the corresponding GPIOE Configuration Lock bit. Reading the bit returns its value,
regardless of the pin value and configuration.
0: Corresponding pin level low when output enabled
1: Corresponding pin level high (according to buffer type and static pull-up selection) when output enabled
4
3
2
1
0
Bit
76543210
Name
Data In
Reset
XXXXXXXX
Bit
Description
7
Data In. Bits 7-0 correspond to pins GPIE7-6 and GPIOE5-0 respectively. Reading each bit returns the value of
the corresponding GPIE/GPIOE pin regardless of the pin configuration and the SB0_GPDO register value.
0: Corresponding pin level low
1: Corresponding pin level high
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com