Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 105Page - National Semiconductor (TI) PC87360 Datasheet HTML 106Page - National Semiconductor (TI) PC87360 Datasheet HTML 107Page - National Semiconductor (TI) PC87360 Datasheet HTML 108Page - National Semiconductor (TI) PC87360 Datasheet HTML 109Page - National Semiconductor (TI) PC87360 Datasheet HTML 110Page - National Semiconductor (TI) PC87360 Datasheet HTML 111Page - National Semiconductor (TI) PC87360 Datasheet HTML 112Page - National Semiconductor (TI) PC87360 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
4.0 Fan Speed Control (Continued)
109
www.national.com
4.3
FAN SPEED CONTROL REGISTERS
The following abbreviations are used to indicate the Register Type:
• R/W = Read/Write
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W=Write
• RO = Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
4.3.1
Fan Speed Control Register Map
4.3.2
Fan Speed Control Pre-Scale Register (FCPSR)
Location:
Device specific
Type:
R/W
Offset
Mnemonic
Register Name
Type
Section
Device specificNote 1.
Note 1. The location of this register is defined in the
Device Architecture and Configuration chapter.
FCPSR
Fan Speed Control Pre-Scale
R/W
4.3.2
Device specificNote 1.
FCDCR
Fan Speed Control Duty Cycle
R/W
4.3.3
Bit
76543210
Name
Clock
Select
Pre-Scale Value
Reset
00000000
Bit
Description
7
Clock Select. This bit selects the input clock for the clock divider.
0: 24 MHz
1: 200 KHz
6-0
Pre-Scale Value. The clock divider for the input clock (24 MHz or 200 KHz) is Pre-Scale Value + 1. Writing
0000000b to these bits transfers the input clock directly to the counter. The maximum clock divider is 124 (7Bh
+1). These bits must not be programmed with the values 7Ch, 7Dh, 7Eh and 7Fh as this may produce
unpredictable results.
The contents of this register should not be changed when the corresponding Fan Speed Control Enable bit of
the Fan Speed Control Configuration register is 1 (see
Device Architecture and Configuration chapter) as this
may produce unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com