Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 108Page - National Semiconductor (TI) PC87360 Datasheet HTML 109Page - National Semiconductor (TI) PC87360 Datasheet HTML 110Page - National Semiconductor (TI) PC87360 Datasheet HTML 111Page - National Semiconductor (TI) PC87360 Datasheet HTML 112Page - National Semiconductor (TI) PC87360 Datasheet HTML 113Page - National Semiconductor (TI) PC87360 Datasheet HTML 114Page - National Semiconductor (TI) PC87360 Datasheet HTML 115Page - National Semiconductor (TI) PC87360 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 168 page
background image
5.0 Fan Speed Monitor (Continued)
112
www.national.com
.
Figure 16. Fan Speed Monitor
5.3
FAN SPEED MONITOR REGISTERS
The FMSPR register is used to hold the current speed reading (which is represented by the latest NCBTP and refreshed
upon every FANIN pulse).
The FMTHR register holds the maximum allowed NCBTP value (representing the slowest speed at which the fan is allowed
to operate) without causing system alert.
Additional control and status bits are available through the FMCSR register. These include:
• Over Threshold. A status bit that indicates that the NCBTP has exceeded the threshold (the speed has dropped below
the allowed minimum).
• Overflow. A status bit that indicates that the NCBTP is higher than FFh. With a proper input clock selection, this means
that the speed is inefficiently low and is considered stopped.
• Speed Ready. A status bit that indicates that new, valid data has been loaded into the FMSPR register.
• Clock Select. A 2-bit control field that selects the counter clock rate as either 2 KHz, 4 KHz, 8 KHz or 16 KHz.
The following abbreviations are used to indicate the Register Type:
• R/W = Read/Write
• R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
• W=Write
• RO = Read Only
• R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
5.3.1
Fan Speed Monitor Register Map
Offset
Mnemonic
Register Name
Type
Section
Device specificNote 1.
Note 1. The location of this register is defined in the
Device Architecture and Configuration chapter.
FMTHR
Fan Monitor Threshold
R/W
5.3.2
Device specificNote 1.
FMSPR
Fan Monitor Speed
RO
5.3.3
Device specificNote 1.
FMCSR
Fan Monitor Control and Status
Varies per bit
5.3.4
FMSPR Register
Clock Select
FANIN
Filter
(FMCSR, Bit 4)
Pos. Edge
Detector
Overflow
(FMCSR, Bit 2)
Up Counter
16 Khz
8 Khz
4 Khz
2 Khz
FMTHR Register
Comparator
Over
(FMCSR, Bit 1)
Threshold
Clear
Load
Interrupt Enable
(FMCSR, Bit 3)
Interrupt
(FMCSR, Bits 6-5)
Filter Disable
(FMCSR, Bit 0)
Speed Ready
Set
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com