Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 93Page - STMicroelectronics L99DZ120 Datasheet HTML 94Page - STMicroelectronics L99DZ120 Datasheet HTML 95Page - STMicroelectronics L99DZ120 Datasheet HTML 96Page - STMicroelectronics L99DZ120 Datasheet HTML 97Page - STMicroelectronics L99DZ120 Datasheet HTML 98Page - STMicroelectronics L99DZ120 Datasheet HTML 99Page - STMicroelectronics L99DZ120 Datasheet HTML 100Page - STMicroelectronics L99DZ120 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 162 page
background image
DocID029145 Rev 4
97/162
L99DZ120
Serial Peripheral Interface (SPI)
161
5
Serial Peripheral Interface (SPI)
A 32-bit SPI is used for bi-directional communication with the microcontroller.
The SPI is driven by a microcontroller with its SPI peripheral running in the following mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK. This device is not limited to
microcontroller with a built-in SPI. Only three CMOS-compatible output Pins and one input
Pin will be needed to communicate with the device. A fault condition can be detected by
setting CSN to low. If CSN = 0, the DO-Pin will reflect the global error flag (fault condition) of
the device.
Chip Select Not (CSN)
The input Pin is used to select the serial interface of this device. When CSN is high, the
output Pin (DO) is in high impedance state. A low signal activates the output driver and
a serial communication can be started. The state during CSN = 0 is called a
communication frame. If CSN = low for t > tCSNfail the DO output will be switched to
high impedance in order to not block the signal line for other SPI nodes.
Serial Data In (DI)
The input Pin is used to transfer data serial into the device. The data applied to the DI
will be sampled at the rising edge of the CLK signal and shifted into an internal 32-bit
shift register. At the rising edge of the CSN signal the content of the shift register will be
transferred to Data Input Register. The writing to the selected Data Input Register is
only enabled if exactly 32-bit are transmitted within one communication frame (i.e. CSN
low). If more or less clock pulses are counted within one frame the complete frame will
be ignored. This safety function is implemented to avoid an activation of the output
stages by a wrong communication frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected IC's is
recommended.
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and will go
from high impedance to a low or high level depending on the global error flag (fault
condition). The first rising edge of the CLK input after a high to low transition of the
CSN Pin will transfer the content of the selected status register into the data out shift
register. Each subsequent falling edge of the CLK will shift the next bit out.
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data
input (DI) is sampled at the rising edge of the CLK and the data output (DO) will change
with the falling edge of the CLK signal. The SPI can be driven with a CLK Frequency up
to 4 MHz.
5.1
ST SPI 4.0
The ST-SPI is a standard used in ST Automotive ASSP devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com