Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 29Page - STMicroelectronics L99DZ120 Datasheet HTML 30Page - STMicroelectronics L99DZ120 Datasheet HTML 31Page - STMicroelectronics L99DZ120 Datasheet HTML 32Page - STMicroelectronics L99DZ120 Datasheet HTML 33Page - STMicroelectronics L99DZ120 Datasheet HTML 34Page - STMicroelectronics L99DZ120 Datasheet HTML 35Page - STMicroelectronics L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 162 page
background image
DocID029145 Rev 4
33/162
L99DZ120
Electrical specifications
161
Figure 10. Watchdog early, late and safe windows
3.4.8
Current monitor output (CM)
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VS ≤ 28V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified
Table 13. Current monitor output (CM)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
0
V1-1V
V
ICMr
Current monitor output ratio:
ICM/IOUT1,4,5,6 and 7 (low on-
resistance)
0 V ≤ VCM ≤ (V1 - 1 V)
1/10000
ICM/IOUT8 (low on-resistance)
1/6500
ICM/IOUT 7,8 (high on-resistance)
1/2000
ICM/IOUT9,10,11,12,13,14,15 and HS
1/1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com