Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 14Page - STMicroelectronics L99DZ120 Datasheet HTML 15Page - STMicroelectronics L99DZ120 Datasheet HTML 16Page - STMicroelectronics L99DZ120 Datasheet HTML 17Page - STMicroelectronics L99DZ120 Datasheet HTML 18Page - STMicroelectronics L99DZ120 Datasheet HTML 19Page - STMicroelectronics L99DZ120 Datasheet HTML 20Page - STMicroelectronics L99DZ120 Datasheet HTML 21Page - STMicroelectronics L99DZ120 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 162 page
background image
Electrical specifications
L99DZ120
18/162
DocID029145 Rev 4
3
Electrical specifications
3.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 2 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device
reliability
Table 2. Absolute maximum ratings
Symbol
Parameter / test condition
Value [DC voltage]
Unit
VS, VSREG
DC supply voltage / “jump start”
-0.3 to +28
V
Load dump
-0.3 to +40
V
5V_1
Stabilized supply voltage, logic supply
-0.3 to 6.5
V1 < VSREG
V
5V_2(1)
Stabilized supply voltage
-0.3 to +28(2)
V
VDI, VCLK VCSN
VDO, VRXDL/NINT,
VNRESET, VCM,
VDIR, VDIR2,
VPWMH, VDIRH,
VINT
Logic input / output voltage range
-0.3 to V1+0.3
V
VLIN_FLASH, VTXDL Multi Level Inputs
-0.3 to 40
V
VDebug
Debug input pin voltage range
-0.3 to 40
V
VLS1_FSO,
VLS2_FSO
Output voltage range of Fail-Safe low-side
Switches
-0.3 to 35
V
VWU
DC Wake up input voltage / “jump start”
-0.3 to +28
V
Load dump
-0.3 to +40
V
VLIN
LIN bus I/O voltage range
-20 to +40
V
IInput(3)
Current injection into VS related input pins
20
mA
IOUT_INJ(3)
Current injection into VS related outputs
20
mA
VOUTn, Vout_HS
Output voltage (n = 1 to 15)
-0.3 to VS+0.3
V
VGH1, VGH2 (VGxy) High Voltage Signal Pins
VSxy-0.3 to
VSxy+13; VCP+0.3
V
VGL1, VGL2, (VGxy) High Voltage Signal Pins
VSxy-0.3 to
VSxy+13; VCP-0.3V
to +12V; Vcp+0.3V
V
VSH1, VSH2 (VSxy)
High Voltage Signal Pins
-1 to 40
V
High Voltage Signal Pins; single pulse with
tmax = 200ns
-5 to 40
V
VCP1P
High Voltage Signal Pins
VS-0.3 to VS+14
V
VCP2P
High Voltage Signal Pins
VS-0.6 to VS+14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com