Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 43Page - STMicroelectronics L99DZ120 Datasheet HTML 44Page - STMicroelectronics L99DZ120 Datasheet HTML 45Page - STMicroelectronics L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 162 page
background image
DocID029145 Rev 4
47/162
L99DZ120
Electrical specifications
161
3.4.19
Wake up input WU
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 28 V; Tj = 40 °C to 150 °C, unless otherwise specified.
3.4.20
LIN transceiver
LIN 2.2 compliant for bit-rates up to 20 kBit/s SAE J2602 compatible.
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V; Tjunction = -40 °C to 150°C unless otherwise
specified.
Table 25. Wake-up inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VWUthn
Wake-up negative
edge threshold voltage
0.4
VSREG
0.45
VSREG
0.5
VSREG
V
VWUthp
Wake-up positive edge
threshold voltage
0.5
VSREG
0.55
VSREG
0.6
VSREG
V
VHYST
Hysteresis
0.05
VSREG
0.1
VSREG
0.15
VSREG
V
tWU_stat
Static wake filter time
64
µs
IWU_stdby
Input current in
standby mode
VWU < 1 V or 
VWU > (VSREG – 1.5 V)
530
60
μA
RWU_act
Input resistor to GND
in Active mode and in
Standby mode during
Wake-up input sensing
80
160
300
kΩ
tWU_cyc
Cyclic wake filter time
16
µs
Table 26. LIN transmit data input: pin TxD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTXDLOW
Input voltage dominant level
Active mode
1.0
V
VTXDHIGH
Input voltage recessive level
Active mode
2.3
V
VTXDHYS
VTXDHIGH-VTXDLOW
Active mode
0.2
V
RTXDPU
TXD pull up resistor
Active mode
13
29
46
kΩ
Table 27. LIN receive data output: pin RxD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRXDLOW
Output voltage dominant level
Active mode
0.2
0.5
V
VRXDHIGH Output voltage recessive level
Active mode
V1-0.5
V1-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com