Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 15Page - STMicroelectronics L99DZ120 Datasheet HTML 16Page - STMicroelectronics L99DZ120 Datasheet HTML 17Page - STMicroelectronics L99DZ120 Datasheet HTML 18Page - STMicroelectronics L99DZ120 Datasheet HTML 19Page - STMicroelectronics L99DZ120 Datasheet HTML 20Page - STMicroelectronics L99DZ120 Datasheet HTML 21Page - STMicroelectronics L99DZ120 Datasheet HTML 22Page - STMicroelectronics L99DZ120 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 162 page
background image
DocID029145 Rev 4
19/162
L99DZ120
Electrical specifications
161
Note:
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit!
VCP1M, VCP2M
High Voltage Signal Pins
-0.3 to VS+0.3
V
VCP
High Voltage Signal Pin VS ≤ 26 V
VS-0.3 to VS+14
V
High Voltage Signal Pin VS > 26 V
VS-0.3 to +40
V
IOUT9, IOUT10,
IOUT11, IOUT12,
IOUT13, IOUT14,
IOUT15, IOUT_HS
Output current(2)
±1.25
A
IOUT8
±2.5
A
IOUT7
±5
A
IOUT1,6
±5
A
IOUT4,5
±10
A
IVScum
Maximum cumulated current at VS drawn by
OUT1(2)
±7.5
A
Maximum cumulated current at VS drawn by
OUT8 & OUT10(2)
±2.5
A
Maximum cumulated current at VS drawn by
OUT4(2)
±10
A
Maximum cumulated current at VS drawn by
OUT5(2)
±10
A
Maximum cumulated current at VS drawn by
OUT6 & OUT7(2)
±7.5
A
Maximum cumulated current at VS drawn by
OUT9, OUT11, OUT12, OUT13, OUT14, OUT15
and CP
±2.5
A
IVSREG
Maximum current at VSREG pin (2) (5V_1. 5V_2
and OUT_HS)
±2.5
A
IPGNDcum
Maximum cumulated current at PGND drawn by
OUT1 & OUT6(2)
±7.5
A
Maximum cumulated current at PGND drawn by
OUT5(2)
±12.5
A
Maximum cumulated current at PGND drawn by
OUT4(2)
±12.5
A
ISGND
Maximum current at SGND(2)
±1.25
A
GND pins
PGND versus SGND
-0.3 to 0.3
V
1. 5V_2 is robust against SC to 28 V only in case VSREG is supplied.
2. Values for the absolute maximum DC current through the bond wires. This value does not consider
maximum power dissipation or other limits.
3. Guaranteed by design.
Table 2. Absolute maximum ratings (continued)
Symbol
Parameter / test condition
Value [DC voltage]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com