Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 18Page - STMicroelectronics L99DZ120 Datasheet HTML 19Page - STMicroelectronics L99DZ120 Datasheet HTML 20Page - STMicroelectronics L99DZ120 Datasheet HTML 21Page - STMicroelectronics L99DZ120 Datasheet HTML 22Page - STMicroelectronics L99DZ120 Datasheet HTML 23Page - STMicroelectronics L99DZ120 Datasheet HTML 24Page - STMicroelectronics L99DZ120 Datasheet HTML 25Page - STMicroelectronics L99DZ120 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 162 page
background image
Electrical specifications
L99DZ120
22/162
DocID029145 Rev 4
Cyclic activation
OUT4 – OUT5: 3,3 Ω resistor placed across those outputs
–
10 activations of Lock/Un-lock (250 ms ON Lock; 500 ms wait; 250 ms ON Un-
lock unlock; 500 ms wait)
OUT5 – OUT6: 10 Ω resistor placed across those outputs
–
(250 ms ON Safe Lock; 500 ms wait; 250 ms ON Safe unlock; 500 ms wait)
Test execution:
Once thermal equilibrium is reached with all DC load active, the “Cyclic Activation”
sequence is applied.
Temperature reading is logged just at the end of the whole sequence.
Figure 3. Activation profile 1
Figure 4. Activation profile 1 (first cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com