Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 65 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics STV2050A Datasheet HTML 66Page - STMicroelectronics STV2050A Datasheet HTML 67Page - STMicroelectronics STV2050A Datasheet HTML 68Page - STMicroelectronics STV2050A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
65/83
STV2050A - BUS EXPANDER
17 BUS EXPANDER
The 8 digital outputs (TBU0 to TBU7) can be used as a bus expander (output only) if DTE reg-
ister EF is set to "1". Each output can be set to logical “0” or “1” using the corresponding
TBU[7:0] bits in the FE register.
18 ABSOLUTE MAXIMUM RATINGS
19 RECOMMANDED OPERATING CONDITIONS
20 ELECTRICAL CHARACTERISTICS
TA= 25 °C, unless otherwise specified.
VDD = 3.3 V, external components as shown in Figure 4 "Application Circuit" on page 8.
20.1 GENERAL
20.2 CURRENT REFERENCE
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDDMAX
3.6
V
TAMB
Ambient temperature operating range
10
70
°C
TSTORE
Storage temperature range
-25
125
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Power supply voltage
3.0
3.3
3.6
V
PTOT
Power dissipation
450
mW
Parameter
Min.
Typ.
Max.
Unit
Conditions
Average current on
100
mA
Parameter
Min.
Typ.
Max.
Unit
Conditions
Adjustable voltage range
0.45
V
BGA[4:0] = 00 (hex)
0.55
V
BGA[4:0] = 1F (hex)
Temperature drift
(10°C to 70°C)
45
|PPM / °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com