Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
15/83
STV2050A - SLAVE I²C BUS INTERFACE
3 SLAVE I²C BUS INTERFACE
3.1 FEATURES
The I²C interface is controlled by 4 pins:
3.1.1 ADS0: IC Address and PLL Mode
The level at this pin corresponds to bit 1 in the first byte in bus transmissions.
– If ADS0 is connected to GND, the analog outputs will be automatically switched on after the
reset sequence, and once the internal PLL is activated.
– If the pin is connected to VCC, the DACs will remain in high impedance. The internal PLL is
inhibited, and the IC must use an external PLL.
3.1.2 SCLS Bus Clock
The polarity and timing for this pin comply with I²C Bus specifications.
3.1.3 SDAI Bus Data Input
The polarity and timing for this pin comply with I²C Bus specifications.
3.1.4 SDAO Bus Data Output
The polarity reversal and timing for this pin comply with I²C Bus specifications.
Abbreviations used:
S
=
Start condition
P
=
Stop condition
DA
=
Device address
DR
=
Device address for read
DW
=
Device address for write
SA
=
Sub-address
D0, D1,... Dn
=
Data bytes
The slave accepts the following DA subaddresses depending on the hardware configuration
defined on pin ADS0.
For the 00 to CF address range (RAM), an autoincrement function can be enabled using the
AIE (Auto Increment Enable) bit in the E7 register.
ADS0
0 (grounded, internal PLL only) DR = 39, DW = 38
1 (3.3 Volt, external PLL only) DR = 3B, DW = 3A
AIE
0 = Autoincrement disabled
1 = Autoincrement enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com