Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 57 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
57/83
STV2050A - ELECTRICAL LOOP
11.4 OPERATION OF THE ELECTRICAL LOOP
The electrical loop is started by the STV2050A reset procedure following the readout of the
EEPROM and the updating of the IC registers once the convergence outputs are enabled (the
S02 and S03 bits in the E3 register are set to 1).
If loop operation is enabled with the OLE and GLE bits, the loop sets the RU1 and RU2 bits to
Low in the EF register which disables the RAM updating the D0*...D3* and E4 registers.
The ELO bit in the E4 register is set to High by the IC reset, which indicates to external MCUs
that the first offset/gain compensation is not yet completed.
If enabled, the offset and the gain compensation procedures are repeated endlessly. If the
offset compensation is enabled by the OLE bit, the measuring line is switched to offset mode
(GOS = 0) and the compensation procedure is done sequentially for horizontal (HVM=1) and
vertical (HVM=0) channels.
If the gain compensation is enabled by the GLE bit, the measuring line is switched to gain
mode (GOS=1) and the compensation procedure is carried out for horizontal (HVM=1) and
vertical (HVM=0) channels.
When the compensation for all channels is completed for the first time, the ELO bit is set to
Low in order to supply this information to external MCUs.
The activity of the internal loop circuit has to be interrupted if the convergence DACs are dis-
abled (which can be detected at the S02 and S03 bits) or if the STL bit in the E3 register is
High or if the GLE and the OLE bits are Low.
11.5 OUTPUT/INPUT PADS
5 pins are dedicated for the electrical loop: PORA, PORB, PORC, OGAH and OGAV.
However, these pins can be used for other purposes and are all programmable.
11.5.1 PORA, PORB and PORC Pins
These pins can be set as either input or output pins using the corresponding PDA, PDB and
PDC bits in the E4 register.
If the ports are set as an input, the value on the port is sampled with the timing set by the PLT
bit in the E4 register.
If the ports are set as an output, the value on the port is given by the value of the POA, POB
or POC bits in the E4 register.
PDA, PDB or PDC
0 = Input
1 = Output
PLT
0: by the system clock
1: at the end of the measuring line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com