Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 8Page - STMicroelectronics STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
12/83
STV2050A - STRUCTURE OF THE PROGRAMMING SYSTEM
2 STRUCTURE OF THE PROGRAMMING SYSTEM
2.1 DATA STORAGE
The STV2050A is a programmable device. Some of the data, mainly the convergence param-
eters, must be able to be easily changed during TV set alignment or by the user, and must be
memorized when the TV set is switched off in order to be recovered when switched back on.
This data must therefore be stored in EEPROM.
The STV2050A has an embedded RAM for storing data used “in real time” at a high speed.
In order to simplify the microcontroller software, and to ensure a quick startup, the STV2050A
directly controls one or more (or up to seven) EEPROMs.
The STV2050A has 2 ports for I²C connections:
– The first one is used only for “SLAVE” connections: it is used to interface with a microcon-
troller in order to control the IC (customer adjustments,...). The microcontroller can write and
read the embedded RAM via this slave port.
– The second one is used only for “MASTER” connections: it is used to interface the
STV2050A with the EEPROM that stores the convergence data and some user adjustments.
The transfer of data between the EEPROM and the embedded RAM is fully managed by the
STV2050A.
Figure 6. I²C BUS Data Transfer
Data Tranfer Control
STV2050A
From / To
MCU
Slave I²C Interface
Logic Core
Embedded
RAM
Master I²C Interface
EEPROM
2k x 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com