Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics STV2050A Datasheet HTML 15Page - STMicroelectronics STV2050A Datasheet HTML 16Page - STMicroelectronics STV2050A Datasheet HTML 17Page - STMicroelectronics STV2050A Datasheet HTML 18Page - STMicroelectronics STV2050A Datasheet HTML 19Page - STMicroelectronics STV2050A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
16/83
STV2050A - SLAVE I²C BUS INTERFACE
If the autoincrement function is enabled, the internal address is automatically incremented
after 3 bytes are either written or read. When the autoincrement counter reaches the CF ad-
dress, the counter stops counting and any additional data will be written to or read from the CF
address.
3.2 COLOR BANK SELECTION
As previously mentioned, the embedded RAM is mapped in 3 banks called the “Red and I²C
Bank”, “Green Bank” and the “Blue Bank”. A bank is selected using the CBS[1:0] (Color Bank
Selection) bits located in the E7 register address.
However, sub-addresses D0 to EF and FE (physically mapped in the “Red and I²C Bank”) are
independent of the actual bank selection.
3.3 WRITE COMMANDS
Three formats of write commands are supported:
– 5-byte write commands to any valid sub-address
S DW SA D0 D1 D2 P
If the auto-increment function is enabled, the internal address is at SA+1 after the command,
otherwise it is still at SA.
– 2-byte write commands for defining a sub-address cursor position or for changing the
current sub-address without transmitting data.
S DW SA P
The sub-address is at SA after the command.
– Auto-increment write commands for sub-address range 00 to CF
If the auto-increment function is enabled, the internal address counter is incremented each
time 3 bytes are written:
S DW SAi Di0 Di1 Di2 Di+10 Di+11 Di+12... Dn P
otherwise every group of 3 bytes is written to SA and the sub-address does not change.
S DW SAi Di0 Di1 Di2 Di0 Di1 Di2... ... Dn P
When a group of three data bytes within the 00 to E2 address range has been received, the
slave will store them in the appropriate embedded RAM location. Only complete groups of
three data bytes are stored. I²C registers start to be updated when the first data byte is re-
ceived. Only complete bytes are written.
All write commands which do not comply with the formats described above are rejected.
CBS[1:0]
00 = Red and I²C bank selected
01 = Green bank selected
10 = Blue bank selected
11 = Red and I²C bank selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com