Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2050A Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
59/83
STV2050A - OPTICAL LOOP
12 OPTICAL LOOP
12.1 PRINCIPAL OF OPERATION
Figure 33. Optical Loop
The STV2050A can deliver a dedicated video pattern known as an “auto-alignment pattern”.
This pattern is rectangular-shaped, and its width, height and brightness are programmable.
Refer to Section 7.6 "Auto-alignment Pattern" on page 40.
The presence or absence of this pattern can be detected by optical sensors; for example, by
a camera in the production line, or photo detector diodes placed around the Projection screen.
The STV2050A can read the status of the sensors within a programmable time limit. The re-
sults are made available in the E5 register, allowing the MCU to run a routine for making the
necessary corrections.
Two pins are dedicated to the optical loop:
– The OPPT pin is a port normally used as an output, and can deliver a logical electrical signal
with a programmable time limit.
– The OPTI pin is an input port for logical 0 or 1 levels. This port is sampled by the STV2050A
to indicate the status of the sensor.
12.2 OPTT SENSOR PORT CONTROL
The OPTT sensor port can be programmed as an input or as an output by the ODS in the E5
register.
ODS
0 = OPTT is an input
1 = OPTT is an output
OPTT
RGB
OPTI
I²C
µP
sensor
H/V
grid
timing
STV 2050D
Offset
Static
Gain
Dynamic
H
V
STV2050A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com