Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2664FIBZWT Datasheet(PDF) 188 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 188 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 184Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 185Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 186Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 187Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 188Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 189Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 190Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 191Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.12 Host-Port Interface (HPI) Peripheral
6.12.1 HPI Device-Specific Information
The C6424 device includes a user-configurable 16-bit Host-port interface (HPI16).
Software handshaking via the HRDY bit of the Host Port Control Register (HPIC) is not supported on the
C6424.
6.12.2 HPI Peripheral Register Description(s)
Table 6-35. HPI Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
01C6 7800
PID
Peripheral Identification Register
The CPU has read/write
01C6 7804
PWREMU_MGMT
HPI power and emulation management register
access to the
PWREMU_MGMT register.
01C6 7808 - 01C6 7824
-
Reserved
01C6 7828
-
Reserved
01C6 782C
-
Reserved
The Host and the CPU both
01C6 7830
HPIC
HPI control register
have read/write access to the
HPIC register.
HPIA
HPI address register
The Host has read/write
01C6 7834
(HPIAW)(1)
(Write)
access to the HPIA registers.
The CPU has only read
HPIA
HPI address register
01C6 7838
access to the HPIA registers.
(HPIAR)(1)
(Read)
01C6 783C - 01C6 7FFF
-
Reserved
(1)
There are two 32-bit HPIA registers: HPIAR for read operations and HPIAW for write operations. The HPI can be configured such that
HPIAR and HPIAW act as a single 32-bit HPIA (single-HPIA mode) or as two separate 32-bit HPIAs (dual-HPIA mode) from the
perspective of the Host. The CPU can access HPIAW and HPIAR independently. For more details about the HPIA registers and their
modes, see the TMS320C642x DSP Host Port Interface (HPI) User's Guide (literature number SPRUEM9).
188
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com