Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2664FIBZWT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 47Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 48Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 49Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 50Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 51Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 52Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 53Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 54Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-18. Host-Port Interface Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HDS2/MRXD0/
IPU
C3
C2
I/O/Z
GPIO.
AD9/GP[78]
DVDD33
In HPI mode, this pin is host data strobe input 2 HDS2 (I).
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HDS1/MRXD1/
IPU
B2
B3
I/O/Z
GPIO.
AD7/GP[79]
DVDD33
In HPI mode, this pin is host data strobe input 1 HDS1 (I).
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HRDY/MRXD2/
IPU
GPIO.
D2
C3
I/O/Z
PCBE0/GP[80]
DVDD33
In HPI mode, this pin is host ready output from DSP to host
(O/Z).
This pin is multiplexed between HPI, MDIO, PCI, and GPIO.
HCS/MDCLK/
IPU
C1
D1
I/O/Z
In HPI mode, this pin is HPI active low chip select input HCS
AD5/GP[81]
DVDD33
(I).
This pin is multiplexed between HPI, EMAC (MII), PCI, and
HINT/MRXD3/
IPU
C2
D2
I/O/Z
GPIO.
AD6/GP[82]
DVDD33
In HPI mode, this pin is host interrupt output HINT (O/Z).
This pin is multiplexed between HPI, MDIO, PCI, and GPIO.
HAS/MDIO/
IPU
In HPI mode, this pin is host address strobe HAS (I).
D1
C1
I/O/Z
AD3/GP[83]
DVDD33
For proper HPI operation, if this pin is routed out, it must be
pulled up via an external resistor.
Table 2-19. I2C Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
I2C
For I2C, this pin is I2C clock. In I2C master mode, this pin is an
output. In I2C slave mode, this pin is an input.
SCL
M2
N2
I/O/Z
DVDD33
When the I2C module is used, for proper device operation, this pin
must be pulled up via an external resistor.
For I2C, this pin is the I2C bi-directional data signal.
SDA
M3
P2
I/O/Z
DVDD33
When the I2C module is used, for proper device operation, this pin
must be pulled up via an external resistor.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
51
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com