| Electronic Components Datasheet Search |
|
TNETV2664FIBZWT Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2664FIBZWT Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. EMIFA FUNCTIONAL PINS: 16-Bit NAND (EMIFA Pinout Mode 2, AEM[2:0] = 010) This pin is multiplexed between EMIFA (NAND) and GPIO. EM_A[1]/(ALE)/ IPD A16 B20 I/O/Z When used for EMIFA (NAND), this pin is the Address Latch Enable GP[9]/(PLLMS1) DVDD33 output (ALE). This pin is multiplexed between EMIFA (NAND) and GPIO. EM_A[2]/(CLE)/ IPD B16 A20 I/O/Z When used for EMIFA (NAND), this pin is the Command Latch Enable GP[8]/(PLLMS0) DVDD33 output (CLE). EM_WAIT/ IPU E15 D20 I/O/Z When used for EMIFA (NAND), it is ready/busy input (RDY/BSY). (RDY/BSY) DVDD33 IPU EM_OE D15 D19 I/O/Z When used for EMIFA (NAND), this pin is read enable output (RE). DVDD33 IPU EM_WE E14 C19 I/O/Z When used for EMIFA (NAND), this pin is write enable output (WE). DVDD33 This pin is multiplexed between EMIFA (NAND) and GPIO. For EMIFA (NAND), this pin is Chip Select 2 output EM_CS2 for use with NAND flash. EM_CS2/ IPD This is the chip select for the default boot and ROM boot modes. C19 C22 I/O/Z GP[12] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMIFA (NAND) and GPIO. For EMIFA (NAND), this pin is Chip Select 3 output EM_CS3 for use with NAND flash. EM_CS3/ IPD C18 D22 I/O/Z GP[13] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMAC (RMII), EMIFA (NAND), and GPIO. For EMIFA (NAND), it is Chip Select 4 output EM_CS4 for use with RMRXD0/ IPD NAND flash. EM_CS4/ E19 H22 I/O/Z DVDD33 GP[32] Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between EMAC (RMII), EMIFA (NAND), and GPIO. For EMIFA (NAND), it is Chip Select 5 output EM_CS5 for use with RMRXD1/ IPD NAND flash. EM_CS5/ F19 J22 I/O/Z DVDD33 GP[33] Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. 38 Device Overview Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |