| Electronic Components Datasheet Search |
|
TNETV2664FIBZWT Datasheet(PDF) 221 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2664FIBZWT Datasheet(HTML) 221 Page - Texas Instruments |
|
221 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 6.17 Timers The C6424 device has 3 64-bit general-purpose timers which have the following features: • 64-bit count-up counter • Timer modes: – 64-bit general-purpose timer mode (Timer 0 and 1) – Dual 32-bit general-purpose timer mode (Timer 0 and 1) – Watchdog timer mode (Timer 2) • 2 possible clock sources: – Internal clock – External clock input via timer input pin TINPL (Timer 0 and 1 only) • 2 operation modes: – One-time operation (timer runs for one period then stops) – Continuous operation (timer automatically resets after each period) • Generates interrupts to the DSP • Generates sync event to EDMA • Causes device global reset upon watchdog timer timeout (Timer 2 only) For more detailed information, see the TMS320C642x DSP 64-Bit Timer User's Guide (literature number SPRUEN5). 6.17.1 Timer Peripheral Register Description(s) Table 6-69. Timer 0 Registers HEX ADDRESS RANGE ACRONYM DESCRIPTION 0x01C2 1400 - Reserved 0x01C2 1404 EMUMGT_CLKSPD Timer 0 Emulation Management/Clock Speed Register 0x01C2 1410 TIM12 Timer 0 Counter Register 12 0x01C2 1414 TIM34 Timer 0 Counter Register 34 0x01C2 1418 PRD12 Timer 0 Period Register 12 0x01C2 141C PRD34 Timer 0 Period Register 34 0x01C2 1420 TCR Timer 0 Control Register 0x01C2 1424 TGCR Timer 0 Global Control Register 0x01C2 1428 - 0x01C2 17FF - Reserved Table 6-70. Timer 1 Registers HEX ADDRESS RANGE ACRONYM DESCRIPTION 0x01C2 1800 - Reserved 0x01C2 1804 EMUMGT_CLKSPD Timer 1 Emulation Management/Clock Speed Register 0x01C2 1810 TIM12 Timer 1 Counter Register 12 0x01C2 1814 TIM34 Timer 1 Counter Register 34 0x01C2 1818 PRD12 Timer 1 Period Register 12 0x01C2 181C PRD34 Timer 1 Period Register 34 0x01C2 1820 TCR Timer 1 Control Register 0x01C2 1824 TGCR Timer 1 Global Control Register 0x01C2 1828 - 0x01C2 1BFF - Reserved Copyright © 2007–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 221 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |