Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 10 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 6Page - STMicroelectronics AST1S31HF Datasheet HTML 7Page - STMicroelectronics AST1S31HF Datasheet HTML 8Page - STMicroelectronics AST1S31HF Datasheet HTML 9Page - STMicroelectronics AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Functional description
AST1S31HF
10/33
DocID026968 Rev 2
6.1
Output voltage adjustment
The error amplifier reference voltage is 0.8 V typical. The output voltage is adjusted
according to the following formula (see Figure 1 on page 1):
Equation 1
The internal architecture of the device requires a minimum off time, cycle by cycle, for the
output voltage regulation. The minimum off time is typically equal to 66 ns.
The control loop compensates for conversion losses with duty cycle control. Since the
power losses are proportional to the delivered output power, the duty cycle increases with
the load current request.
Figure 4 shows at different loading conditions the maximum regulated output voltage over
the input voltage range.
Figure 4. Maximum output voltage over loading conditions
VOUT
0.8
1
R1
R2
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com