Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 32 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 25Page - STMicroelectronics AST1S31HF Datasheet HTML 26Page - STMicroelectronics AST1S31HF Datasheet HTML 27Page - STMicroelectronics AST1S31HF Datasheet HTML 28Page - STMicroelectronics AST1S31HF Datasheet HTML 29Page - STMicroelectronics AST1S31HF Datasheet HTML 30Page - STMicroelectronics AST1S31HF Datasheet HTML 31Page - STMicroelectronics AST1S31HF Datasheet HTML 32Page - STMicroelectronics AST1S31HF Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Order codes
AST1S31HF
32/33
DocID026968 Rev 2
11
Order codes
12
Revision history
Table 11. Ordering information
Order code
Package
AST1S31HF
VFDFPN 3 x 3 8L
Table 12. Document revision history
Date
Revision
Changes
30-Sep-2014
1
Initial release.
03-Mar-2016
2
Updated value in Table 3 on page 6 and Section 7.4 on
page 22 (replaced 60 °C/W by 50 °C/W).
Updated Section 6.1 on page 10 (added text and
Figure 4).
Added Section 9 on page 27.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com