Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 11 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 7Page - STMicroelectronics AST1S31HF Datasheet HTML 8Page - STMicroelectronics AST1S31HF Datasheet HTML 9Page - STMicroelectronics AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID026968 Rev 2
11/33
AST1S31HF
Functional description
33
6.2
Soft-start
The soft-start is essential to assure the correct and safe start-up of the step-down converter.
It avoids the inrush current surge and makes the output voltage rise monothonically.
The soft-start is managed ramping the reference of the error amplifier from 0 V to 0.8 V. The
internal soft-start capacitor is charged with a resistor to 0.8 V, then the FB pin follows the
reference so that the output voltage is regulated to rise to the set value monothonically.
6.3
Error amplifier and control loop stability
The error amplifier provides the error signal to be compared with the high-side switch
current through the current sense circuitry. The non-inverting input is connected with the
internal 0.8 V reference, whilst the inverting input is the FB pin. The compensation network
is internal and connected between the E/A output and GND.
The error amplifier of the AST1S31HF is a transconductance operational amplifier, with high
bandwidth and high output impedance.
The AST1S31HF device embeds the compensation network that assures the stability of the
loop in the whole operating range. In Section 6.7 on page 18 all the tools needed to check
the loop stability are shown.
In Figure 5 is shown the simple small signal model for the peak current mode control loop.
Table 5. Characteristics of the uncompensated error amplifier
Description
Value
DC gain
87 dB
gm
236
A/V
Ro
98 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com