Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 12 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 8Page - STMicroelectronics AST1S31HF Datasheet HTML 9Page - STMicroelectronics AST1S31HF Datasheet HTML 10Page - STMicroelectronics AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics AST1S31HF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Functional description
AST1S31HF
12/33
DocID026968 Rev 2
Figure 5. Block diagram of the loop for the small signal analysis
Three main terms can be identified to obtain the loop transfer function:
1.
From control (output of E/A) to output, GCO(s)
2.
From output (Vout) to the FB pin, GDIV(s)
3.
From the FB pin to control (output of E/A), GEA(s).
The transfer function from control to output GCO(s) results:
Equation 2
where RLOAD represents the load resistance, Ri the equivalent sensing resistor of the
current sense circuitry (0.38
),
p the single pole introduced by the LC filter and z the
zero given by the ESR of the output capacitor.
FH(s) accounts the sampling effect performed by the PWM comparator on the output of the
error amplifier that introduces a double pole at one half of the switching frequency.
Equation 3
L
Cout
Current sense
Logic
And
Driver
Slope
Compensation
PWM comparator
Error Amp
Rc
Cc
R1
R2
0.8V
High side
Switch
Low side
Switch
GCO(s)
GDIV(s)
GEA(s)
VIN
VC
VOUT
VFB
GCO s

RLOAD
Ri
------------------
1
1
Rout TSW
L
----------------------------
mC 1D
–
 0.5
–

+
---------------------------------------------------------------------------------------------
1
s
z
------
+


1
s
p
------
+


---------------------- FH s


=
Z
1
ESR COUT
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com