Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 15 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 11Page - STMicroelectronics AST1S31HF Datasheet HTML 12Page - STMicroelectronics AST1S31HF Datasheet HTML 13Page - STMicroelectronics AST1S31HF Datasheet HTML 14Page - STMicroelectronics AST1S31HF Datasheet HTML 15Page - STMicroelectronics AST1S31HF Datasheet HTML 16Page - STMicroelectronics AST1S31HF Datasheet HTML 17Page - STMicroelectronics AST1S31HF Datasheet HTML 18Page - STMicroelectronics AST1S31HF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID026968 Rev 2
15/33
AST1S31HF
Functional description
33
So closing the loop the loop gain GLOOP(s) is:
Equation 15
Example:
VIN = 3.3 V, VOUT = 1.2 V, Iomax = 3 A, L = 0.91
H, Cout = 22 F (MLCC),
R1 = 100 k
, R2 = 200 k(see Section 7.2 on page 20 and Section 7.3 on page 21 for
inductor and output capacitor selection guidelines).
The module and phase Bode plot are reported in Figure 7.
The bandwidth is 230 kHz and the phase margin is 70 degrees.
Figure 7. Module and phase Bode plot
GLOOP s

GCO s
 G
DIV s
 G
EA s


=
0.1
1
10
100
110
3
110
4
110
5
110
6
110
7
60
42
24
6
12
30
48
66
84
102
120
Frequency [Hz]
0.1
1
10
100
110
3
110
4
110
5
110
6
110
7
210
182.5
155
127.5
100
72.5
45
17.5
10
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com