Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AST1S31HF Datasheet(PDF) 20 Page - STMicroelectronics

Part # AST1S31HF
Description  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AST1S31HF Datasheet HTML 16Page - STMicroelectronics AST1S31HF Datasheet HTML 17Page - STMicroelectronics AST1S31HF Datasheet HTML 18Page - STMicroelectronics AST1S31HF Datasheet HTML 19Page - STMicroelectronics AST1S31HF Datasheet HTML 20Page - STMicroelectronics AST1S31HF Datasheet HTML 21Page - STMicroelectronics AST1S31HF Datasheet HTML 22Page - STMicroelectronics AST1S31HF Datasheet HTML 23Page - STMicroelectronics AST1S31HF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application information
AST1S31HF
20/33
DocID026968 Rev 2
The placement of the input capacitor is very important to avoid noise injection and voltage
spikes on the input voltage pin. So the CIN must be placed as close as possible to the
VIN_SW pin. In Table 6 some multilayer ceramic capacitors suitable for this device are
given.
A ceramic bypass capacitor, as close as possible to the VINA pin so that additional parasitic
ESR and ESL are minimized, is suggested in order to prevent instability on the output
voltage due to noise. The value of the bypass capacitor can go from 330 nF to 1 µF.
7.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value to have the expected current ripple must be selected. The rule to
fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In the continuous current mode (CCM), the inductance value can be calculated by Equation
28:
Equation 28
where TON is the conduction time of the high-side switch and TOFF is the conduction time of
the low-side switch [in CCM, FSW = 1 / (TON + TOFF)]. The maximum current ripple, given
the VOUT, is obtained at maximum TOFF, that is, at a minimum duty cycle (see previous
section to calculate minimum duty). So by fixing
IL = 20% to 30% of the maximum output
current, the minimum inductance value can be calculated:
Equation 29
where FSWMIN is the minimum switching frequency, according to Table 4 on page 7. The
slope compensation, to prevent the sub-harmonic instability in the peak current control loop,
is internally managed and so fixed. This implies a further lower limit for the inductor value.
To assure sub-harmonic stability:
Equation 30
where VPP is the peak-to-peak value of the slope compensation ramp. The inductor value
selected based on Equation 29 must satisfy Equation 30.
Table 6. Input MLCC capacitors
Manufacturer
Series
Cap value (
µF)
Rated voltage (V)
Murata
GCM
47
6.3
TDK
CGA6
47
6.3
TAIYO YUDEN
LMK325
47
10
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT
L
-------------- TOFF
==
LMIN
VOUT
I
MAX
----------------
1DMIN
–
FSWMIN
-----------------------
=
LVout 2Vpp fsw





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com