Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 3Page - STMicroelectronics UM1574 Datasheet HTML 4Page - STMicroelectronics UM1574 Datasheet HTML 5Page - STMicroelectronics UM1574 Datasheet HTML 6Page - STMicroelectronics UM1574 Datasheet HTML 7Page - STMicroelectronics UM1574 Datasheet HTML 8Page - STMicroelectronics UM1574 Datasheet HTML 9Page - STMicroelectronics UM1574 Datasheet HTML 10Page - STMicroelectronics UM1574 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
UM1574
Quick start
Doc ID 023645 Rev 1
7/48
2
Quick start
The STM8A-DISCOVERY is a low-cost and easy-to-use development kit to quickly evaluate
and start a development with STM8AF and STM8AL microcontrollers family devices.
STM8AF devices offer high performance and full automotive network connectivity with high
speed CAN and LIN master/slave modes communications. STM8AL devices offer high
performance with ultra-low power management. Both comply with automotive qualification
and conform to AEC-Q100 rev G.
For more information on the STM8A-DISCOVERY and for demonstration software, visit
www.st.com/stm8a-discovery.
2.1
Getting started
1.
Connect CN3 and CN4 on the STM8AF board to CN3 and CN4 on the STM8AL board.
2.
Connect both type A connectors of the USB cable to a PC.
3.
Then connect the mini-B connector of the USB cable to the STM8AF board.
4.
All LEDs blink once on the STM8AF board and twice on the STM8AL board, then the
LIN communication between both boards starts.
5.
Turn the RV1 trimmer on the STM8AF board to adjust the value from 0 to 100 on the
STM8AL board LCD through the LIN bus.
6.
Push button USER1 on the STM8AF board to sequentially display the LCD bars on the
STM8AL board through the LIN bus. Push button USER2 on the STM8AF board to
sequentially switch them off one by one.
7.
Push button USER1 on the STM8AL board to sequentially switch on green LEDs LD4,
LD5, LD6 and LD7 on the STM8AF board through the LIN bus. Push button USER2 on
the STM8AL board to sequentially switch them off one by one.
8.
To perform or modify the Discover project related to this demo, visit www.st.com/stm8a-
discovery.
9.
You can discover the STM8AF and STM8AL features, download and execute programs
proposed in the list of projects.
10. You can then develop your own application using the available examples.
2.2
System requirements
●
Windows PC (XP, Vista, 7)
●
USB cable (dual type A to mini-B) - included
2.3
Development toolchains supporting the STM8A-DISCOVERY
●
IAR: EWSTM8
●
STMicroelectronics: STVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com