Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 5Page - STMicroelectronics UM1574 Datasheet HTML 6Page - STMicroelectronics UM1574 Datasheet HTML 7Page - STMicroelectronics UM1574 Datasheet HTML 8Page - STMicroelectronics UM1574 Datasheet HTML 9Page - STMicroelectronics UM1574 Datasheet HTML 10Page - STMicroelectronics UM1574 Datasheet HTML 11Page - STMicroelectronics UM1574 Datasheet HTML 12Page - STMicroelectronics UM1574 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
9/48
4
Hardware and layout
This section describes STM8A-DISCOVERY hardware and layout which can be broken
down into common resources used both in STM8AF and STM8AL boards and the special
features belonging to each of them.
4.1
STM8A-DISCOVERY common resources
4.1.1
Embedded ST-LINK/V2
The ST-LINK/V2 programming and debugging tool is integrated both in STM8AF and
STM8AL boards. The embedded ST-LINK/V2 can be used to program/debug the MCU on
the board and supports SWIM for STM8 devices.
The ST-LINK/V2 must be connected with the dual type A to mini-B USB cable provided in
the blister.
Caution:
First connect the dual type A on the PC side (both type A connectors must be plugged in)
then connect the mini-B USB to the board (STM8AF or STM8AL boards).
For programming or debugging the STM8A-DISCOVERY, the PC can be either connected to
the mini-B USB connector of the STM8AF or STM8AL board.
The connection on both mini-B usb of the STM8AF and STM8AL boards is not supported.
This operation can damage the boards.
For information about debugging and programming features refer to user manual UM1075
(ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32) which describes in
detail all the ST-LINK/V2 features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com