Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 13Page - STMicroelectronics UM1574 Datasheet HTML 14Page - STMicroelectronics UM1574 Datasheet HTML 15Page - STMicroelectronics UM1574 Datasheet HTML 16Page - STMicroelectronics UM1574 Datasheet HTML 17Page - STMicroelectronics UM1574 Datasheet HTML 18Page - STMicroelectronics UM1574 Datasheet HTML 19Page - STMicroelectronics UM1574 Datasheet HTML 20Page - STMicroelectronics UM1574 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
UM1574
Hardware and layout
Doc ID 023645 Rev 1
17/48
4.2.1
STM8AF5288T microcontroller
This automotive 8-bit MCU has 64 Kbytes Flash, 2 Kbytes data EEPROM, 10-bit ADC,
timers, LIN, CAN, USART, SPI, I2C and operates from 3 to 5.5 V.
Figure 9.
STM8AF5288T package
The STM8AF5288T automotive 8-bit microcontroller offers 64 Kbytes of non-volatile
memory and integrated true data EEPROM.
The STM8AF52xx series feature a CAN interface.
All devices of the STM8A product line provide the following benefits: reduced system cost,
performance and robustness, short development cycles, and product longevity.
●
Reduced system cost
–
Integrated true data EEPROM for up to 300 k write/erase cycles
–
High system integration level with internal clock oscillators, watchdog and
brownout reset
●
Performance and robustness
–
Peak performance 20 MIPS at 24 MHz and average performance 10 MIPS at
16 MHz CPU clock frequency
–
Robust I/O, independent watchdogs with separate clock source
–
Clock security system
●
Short development cycles
–
Applications scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals.
–
Full documentation and a wide choice of development tools
●
Product longevity
–
Advanced core and peripherals made in a state-of-the art technology
–
Native automotive product family operating both at 3.3 V and 5 V supply
The STM8AF and STM8AL boards are supported by the same tools including STVD/STVP
development environment.
STM8AF5288T
LQFP48 7x7
64 Kbytes of Flash memory
2 Kbytes of EEPROM
4 Kbytes of RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com