Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 39Page - STMicroelectronics UM1574 Datasheet HTML 40Page - STMicroelectronics UM1574 Datasheet HTML 41Page - STMicroelectronics UM1574 Datasheet HTML 42Page - STMicroelectronics UM1574 Datasheet HTML 43Page - STMicroelectronics UM1574 Datasheet HTML 44Page - STMicroelectronics UM1574 Datasheet HTML 45Page - STMicroelectronics UM1574 Datasheet HTML 46Page - STMicroelectronics UM1574 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Figure 27.
STM8AL board MCU
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.0(PCB.SCH)
Date:10/3/2012
MB1037
3
6
STM8AL BOARD MCU
LD3
red
R30
820
LD4
green
R35
330
PA4_LCDCOM0
NRST
C22
20pF
C23
20pF
X2
16MHz
R32
60
4
1
3
2
X3
MC306-G-06Q-32.768 (manufacturer JFVNY)
C24
6.8pF
C27
6.8pF
VDD
VDDA
VDD
PA0
PA4
PA5
PA6
PA7
PE0
PE1
PE2
PE3
PE4
PE5
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PF0
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PE6
PE7
C21
100nF
VDD
C26
100nF
L1
BEAD
C19
1uF
C20
100nF
VDDA
PA5_LCDCOM1
PA6_LCDCOM2
PA7_LCDSEG0
PE0_LCDSEG1
PE3_LCDSEG4
PE4_LCDSEG5
PE5_LCDSEG6
PD0_LCDSEG7
PD1_LCDCOM3
PD2_LCDSEG8
PD3_LCDSEG9
PB0_LCDSEG10
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
USART1_RX
USART1_TX
PD7_LCDSEG21
PD6_LCDSEG20
PD5_LCDSEG19
PD4_LCDSEG18
C25
1uF
C18
1uF
NRST
ST_LINK_SWIM
IDD_Measurement
PE7
PC7
IDD_WAKEUP
IDD_CNT_EN
R36
0
VDD
R34
0
Not Fitted
PA0
1
NRST/PA1
2
PA2
3
PA3
4
PA4
5
PA5
6
PA6
7
PA7
8
AVSS
9
VDD
10
VDDA
11
VREF+
12
VLCD
13
PE0
14
PE1
15
PE2
16
PE3
17
PE4
18
PE5
19
PD0
20
PD1
21
PD2
22
PD3
23
PB0
24
PB1
25
PB2
26
PB3
27
PB4
28
PB5
29
PB6
30
PB7
31
PF0
32
PD4
33
PD5
34
PD6
35
PD7
36
PC0
37
PC1
38
VDDIO
39
VSSIO
40
PC2
41
PC3
42
PC4
43
PC5
44
PC6
45
PC7
46
PE6
47
PE7
48
U10
STM8AL3L68T
Not Fitted
3V3
C17
10nF
R31
10K
PC0
PC1
SB9
SB10
Must be close to the Crystal and ON
C42
100nF
User Button 2
PE1
User Button 1
C37
100nF
B1
B2
R45
4K7
PE2
R48
4K7
3V3
3V3
PC5
PC6
PC5
PC6
SPI_NSS
SPI_SCK
SPI_MOSI
SPI_MISO
MCO
MCO
SB3
Close to XTAL & MCU
R33
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com