Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 4Page - STMicroelectronics UM1574 Datasheet HTML 5Page - STMicroelectronics UM1574 Datasheet HTML 6Page - STMicroelectronics UM1574 Datasheet HTML 7Page - STMicroelectronics UM1574 Datasheet HTML 8Page - STMicroelectronics UM1574 Datasheet HTML 9Page - STMicroelectronics UM1574 Datasheet HTML 10Page - STMicroelectronics UM1574 Datasheet HTML 11Page - STMicroelectronics UM1574 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Features
UM1574
8/48
Doc ID 023645 Rev 1
3
Features
The STM8A-DISCOVERY offers different features combined with STM8AF and STM8AL
boards:
STM8AF and STM8AL common board features:
●
On-board ST-LINK/V2 included for debugging and programming
●
Board power supply: through 5 V USB bus
●
Internal dual ST662A step-up converter building the 12 Vdc when powered by USB
port
●
External application power supply VBAT (up to 14 Vdc)
●
16 MHz HSE XTAL crystal oscillator
●
L99PM62GXP power management IC with LIN and high speed CAN with SPI control
interface and high-side drivers
●
Two push buttons (USER1 and USER2)
●
Extension header for L99PM62GXP including relays, high-side outputs and wake-up
capabilities
STM8AF dedicated board features:
●
STM8AF5288T microcontroller featuring 64 Kbytes Flash, 2 Kbytes data EEPROM,
LIN, CAN in an 48-pin package
●
Seven LEDs:
–
LD1 (red/green) for USB communication
–
LD2 (red) for 5 V power ON
–
Five user LEDs LD3 (red) and LD4 to LD7 (green)
●
RV1 potentiometer connected to the ADC peripheral
●
Extension headers for MCU connectivity (full Port B, free ports pins, RESET)
STM8AL dedicated board features:
●
STM8AL3L68T microcontroller featuring 32 Kbytes Flash, 1 Kbytes data EEPROM,
LCD in an 48-pin package
●
Four LEDs:
–
LD1 (red/green) for USB communication
–
LD2 (red) for 3.3 V power ON
–
2 user LEDs LD3 (red) and LD4 (green)
●
4-digit alphanumeric LCD display including 4 bars display
●
Extension header for MCU connectivity (free ports pins, RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com