Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1574 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1574
Description  Discovery kit for STM8A microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1574 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1574 Datasheet HTML 10Page - STMicroelectronics UM1574 Datasheet HTML 11Page - STMicroelectronics UM1574 Datasheet HTML 12Page - STMicroelectronics UM1574 Datasheet HTML 13Page - STMicroelectronics UM1574 Datasheet HTML 14Page - STMicroelectronics UM1574 Datasheet HTML 15Page - STMicroelectronics UM1574 Datasheet HTML 16Page - STMicroelectronics UM1574 Datasheet HTML 17Page - STMicroelectronics UM1574 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Hardware and layout
UM1574
14/48
Doc ID 023645 Rev 1
4.2
STM8AF board dedicated resources
The STM8AF board is designed around the STM8AF5288T microcontroller in a 48-pin
LQFP package.
Figure 6 illustrates the connections between the STM8AF5288T and the different
peripherals (ST-LINK/V2, L99PM62GXP IC, push buttons, LED and connectors).
Figure 6 and Figure 7 help you locate these features on the STM8AF board.
Figure 6.
STM8AF board hardware block diagram
MS31074V1
Mini
USB
Embedded
ST-LINK/V2
DC/DC
converter
5V to 12V
USER1 button
USER2 button
Red LED LD3
Green LED LD4
Green LED LD5
STM8AF5288T
5V
I/O
L99PM62GXP
Power Management
LIN transceiver
5V
I/O
SWIM
SPI
Green LED LD6
Green LED LD7
RV1
potentiometer
CN3/CN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com