Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2071 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 4Page - STMicroelectronics UM2071 Datasheet HTML 5Page - STMicroelectronics UM2071 Datasheet HTML 6Page - STMicroelectronics UM2071 Datasheet HTML 7Page - STMicroelectronics UM2071 Datasheet HTML 8Page - STMicroelectronics UM2071 Datasheet HTML 9Page - STMicroelectronics UM2071 Datasheet HTML 10Page - STMicroelectronics UM2071 Datasheet HTML 11Page - STMicroelectronics UM2071 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Hardware description
UM2071
8/56
DocID029370 Rev 3
2
Hardware description
2.1
STEVAL-IDB007V1 board overview
The BlueNRG-1 board in the STEVAL-IDB007V1 development kit lets you experiment with
BlueNRG-1 system on chip functions. It features:
Bluetooth® SMART board based on the BlueNRG-1 Bluetooth low energy system on
chip
Associated BlueNRG-1 development kit SW package including firmware and
documentation
Up to +8 dBm available output power (at antenna connector)
Excellent receiver sensitivity (-88 dBm)
Very low power consumption: 7.7 mA RX and 8.3 mA TX at -2 dBm
Bluetooth® low energy v4.2 compliant, supports master, slave and simultaneous
master-and-slave roles
Integrated balun which integrates a matching network and harmonics filter
SMA connector for antenna or measuring equipment
3 user LEDs
2 user buttons
3D digital accelerometer and 3D digital gyroscope
MEMS pressure sensor with embedded temperature sensor
Battery holder
JTAG debug connector
USB to serial bridge for providing I/O channel with the BlueNRG-1 device
Jumper for measuring current for BlueNRG-1 only
RoHS compliant
The following figure and table describe physical sections of the board.
Figure 2: STEVAL-IDB007V1 board components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com