Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2071 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 8Page - STMicroelectronics UM2071 Datasheet HTML 9Page - STMicroelectronics UM2071 Datasheet HTML 10Page - STMicroelectronics UM2071 Datasheet HTML 11Page - STMicroelectronics UM2071 Datasheet HTML 12Page - STMicroelectronics UM2071 Datasheet HTML 13Page - STMicroelectronics UM2071 Datasheet HTML 14Page - STMicroelectronics UM2071 Datasheet HTML 15Page - STMicroelectronics UM2071 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Hardware description
UM2071
12/56
DocID029370 Rev 3
2.4
Jumpers
The following jumpers are available:
Table 4: STEVAL-IDB007V1 kit platform jumpers
Jumper
Description
JP1
1-2: to provide power from USB (JP2: 2-3)
2-3: to provide power from battery holder (JP2: 1-2)
JP2
1-2: to provide power from battery holder (JP1: 2-3)
2-3: to provide power from USB (JP1: 1-2)
JP2 pin 2 to VDD to provide external power supply to BlueNRG-1 (JP1: 1-2)
JP3
pin 1 and 2 UART RX and TX of MCU
pin 3 GND
JP4
Fitted: to provide VBLUE to BlueNRG-1. It can be used also for current measurement.
JP5
Fitted: TEST pin to VBLUE
Not fitted: TEST pin to GND
2.5
Sensors
The following sensors are available on the platform:
1.
An LPS25HB (Figure 2: "STEVAL-IDB007V1 board components"
– region H) is a
piezoresistive absolute pressure sensor which functions as a digital output barometer.
The device comprises a sensing element and an IC interface which communicates
through I²C from the sensing element to the application.
2.
An LSM6DS3 3D (region I) digital accelerometer and 3D digital gyroscope with
embedded temperature sensor which communicates via SPI interface. One line for
interrupt is also connected.
2.6
Extension connector
BlueNRG-1 signal test points are shared on two Arduino-compliant connector rows: CN1,
CN3 (Figure 2: "STEVAL-IDB007V1 board components"
– region J) and CN2, CN4 (region
L). See Table 2: "BlueNRG-1 pin description with board functions".
2.7
Push-buttons
The board has one user button to reset the microcontroller (Figure 2: "STEVAL-IDB007V1
board components"
– region M) and two further buttons for application purposes (region N).
2.8
JTAG connector
A JTAG connector (Figure 2: "STEVAL-IDB007V1 board components"
– region O) allows
BlueNRG-1 microcontroller programming and debugging with an in-circuit debugger and
programmer such as ST-LINK/V2.
Only SWD mode is supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com