| Electronic Components Datasheet Search |
|
UM2071 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 56 page ![]() BlueNRG-1 remote control demo application UM2071 32/56 DocID029370 Rev 3 9 BlueNRG-1 remote control demo application The BlueNRG-1 BLE remote control application is supported on the BlueNRG-1 development platform (STEVAL-IDB007V1). It demonstrates how to control a remote device (like an actuator) using a BlueNRG-1 device. This application periodically broadcasts temperature values that can be read by any device. The data is encapsulated in a manufacturer-specific AD type and the content (besides the manufacturer ID, i.e., 0x0030 for STMicroelectronics) is as follows: Table 7: BLE remote advertising data Byte 0 Byte 1 Byte2 App ID (0x05) Temperature value (little-endian) The temperature value is given in tenths of degrees Celsius. The device is also connectable and exposes a characteristic used to control LEDs DL1, DL2 and DL3 on the BlueNRG-1 platform. The value of this characteristic is a bitmap of 1 byte. Each bit controls one of the LEDs: bit 0 is the status of LED DL1 bit 1 is the status of LED DL2 bit 2 is the status of LED DL3. A remote device can therefore connect and write this byte to change or read the status of these LEDs (1 for LED ON, 0 for LED OFF). The peripheral disconnects after a timeout (DISCONNECT_TIMEOUT) to prevent a central device remaining connected to the device indefinitely. Security is not enabled by default, but this can be changed with ENABLE_SECURITY (refer to file BLE_RC_main.h). When security is enabled, the central device must be authenticated before reading or writing the device characteristic. To interact with a device configured as a BlueNRG-1 BLE remote control, another BLE device (a BlueNRG-1 or any Bluetooth® smart ready device) can be used to detect and view broadcast data. To control one of the LEDs, the device has to connect to a BlueNRG-1 BLE remote control device and write in the exposed control point characteristic. The Service UUID is ed0ef62e- 9b0d-11e4-89d3-123b93f75cba. The control point characteristic UUID is ed0efb1a-9b0d- 11e4-89d3-123b93f75cba. 9.1 BLE remote control application setup This section describes how to configure a BlueNRG-1 device to acting as a remote control device. 9.1.1 Initialization The BlueNRG-1 BLE stack must be correctly initialized before establishing a connection with another Bluetooth LE device. This is done with two commands: aci_gatt_init(); aci_gap_init(GAP_PERIPHERAL_ROLE, 0, 0x07, &service_handle, &dev_name_char_handle, &appearance_char_handle); See BlueNRG-1 BLE stack API documentation for more information on these and following commands. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |