Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2071 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 7Page - STMicroelectronics UM2071 Datasheet HTML 8Page - STMicroelectronics UM2071 Datasheet HTML 9Page - STMicroelectronics UM2071 Datasheet HTML 10Page - STMicroelectronics UM2071 Datasheet HTML 11Page - STMicroelectronics UM2071 Datasheet HTML 12Page - STMicroelectronics UM2071 Datasheet HTML 13Page - STMicroelectronics UM2071 Datasheet HTML 14Page - STMicroelectronics UM2071 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
UM2071
Hardware description
DocID029370 Rev 3
11/56
Pin name
Pin
No
Board function
LED
Micro
Button
Pressure
sensor
3D
accelerometer
and
gyroscope
JTAG
Arduino connectors
CN1
CN2
CN3
CN4
VDD1V2
28
DIO13
29
PUSH1
pin
3
AD2
DIO12
30
INT1
pin
1
AD0
FTEST
31
DIO11
32
RXD
PA3
pin
1
RX
pin
3
IO2
pin
2
AD1
The board section labeled BLUENRG-1 (Figure 2: "STEVAL-IDB007V1 board components"
– region B) includes the following main components:
BlueNRG-1 low power system on chip (in a QFN32 package)
High frequency 16 MHz crystal
Low frequency 32 kHz crystal for the lowest power consumption
Integrated balun which integrates a matching network and harmonics filter
SMA connector
For more details, see Figure 24: "STEVAL-IDB007V1 BlueNRG-1"
2.3
Power supply
Green LED DL4 (Figure 2: "STEVAL-IDB007V1 board components"
– region G) signals the
board is being powered, either via:
micro USB connector CN5 (Figure 2: "STEVAL-IDB007V1 board components"
–
region C)
two AAA batteries (region F)
an external DC power supply plus micro USB connector
The following table describes the power supply modes available on the STEVAL-IDB007V1
board and corresponding jumper settings.
Table 3: STEVAL-IDB007V1 kit platform power supply modes
Power
supply mode
JP1
JP2
Comment
1 - USB
Fitted:
1-2
Fitted: 2-
3
USB supply through connector CN5 (Figure 2: "STEVAL-
IDB007V1 board components"
– region C)
2 - Battery
Fitted:
2-3
Fitted: 1-
2
The supply voltage must be provided through battery pins
(region F).
3 - Combo
Fitted:
1-2
Optional
USB supply through connector CN5 for STM32L1; JP2
pin 2 external power for BlueNRG-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com