Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2071 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 21Page - STMicroelectronics UM2071 Datasheet HTML 22Page - STMicroelectronics UM2071 Datasheet HTML 23Page - STMicroelectronics UM2071 Datasheet HTML 24Page - STMicroelectronics UM2071 Datasheet HTML 25Page - STMicroelectronics UM2071 Datasheet HTML 26Page - STMicroelectronics UM2071 Datasheet HTML 27Page - STMicroelectronics UM2071 Datasheet HTML 28Page - STMicroelectronics UM2071 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
UM2071
BlueNRG-1 beacon demonstration application
DocID029370 Rev 3
25/56
6
BlueNRG-1 beacon demonstration application
The BlueNRG-1 beacon demo is supported by the BlueNRG-1 development platform
(STEVAL-IDB007V1). It demonstrates how to configure a BlueNRG-1 device to advertise
specific manufacturing data and allow another BLE device to determine whether it is in
BlueNRG-1 BLE beacon device range.
6.1
BLE Beacon application setup
This section describes how to configure a BlueNRG-1 device to act as a beacon device.
6.1.1
Initialization
The BlueNRG-1 BLE stack must be correctly initialized thus:
aci_gatt_init();
aci_gap_init(GAP_PERIPHERAL_ROLE, 0, 0x08, &service_handle, &dev_name_char_handle,
&appearance_char_handle);
See the BlueNRG-1 BLE stack documentation for more information on these and following
commands.
6.1.2
Define advertising data
The BLE Beacon application advertises the following manufacturing data:
Table 5: BlueNRG-1 Beacon advertising manufacturing data
Data field
Description
Notes
Company identifier
code
SIG company identifier(1)
Default is 0x0030 (STMicroelectronics)
ID
Beacon ID
Fixed value
Location UUID
Beacons UUID
Used to distinguish specific beacons from
others
Major number
Identifier for a group of
beacons
Used to group a related set of beacons
Minor number
Identifier for a single
beacon
Used to identify a single beacon
Tx Power
2's complement of the Tx
power
Used to establish how far you are from
device
Notes:
(1)available at: https://www.bluetooth.org/en-us/specification/assigned-numbers/company-identifiers
6.1.3
Entering non-connectable mode
The BLE Beacon device uses the GAP API command to enter non-connectable mode thus:
aci_gap_set_discoverable(ADV_NONCONN_IND, 160, 160, PUBLIC_ADDR,
NO_WHITE_LIST_USE,0, NULL, 0, NULL, 0, 0);
To advertise the specific selected manufacturer data, the BLE Beacon application can use
the following GAP APIs:
/* Remove TX power level field from the advertising data: it is necessary
to
have enough space for the beacon manufacturing data */
aci_gap_delete_ad_type(AD_TYPE_TX_POWER_LEVEL);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com