Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2071 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM2071
Description  BlueNRG-1 development kit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2071 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM2071 Datasheet HTML 20Page - STMicroelectronics UM2071 Datasheet HTML 21Page - STMicroelectronics UM2071 Datasheet HTML 22Page - STMicroelectronics UM2071 Datasheet HTML 23Page - STMicroelectronics UM2071 Datasheet HTML 24Page - STMicroelectronics UM2071 Datasheet HTML 25Page - STMicroelectronics UM2071 Datasheet HTML 26Page - STMicroelectronics UM2071 Datasheet HTML 27Page - STMicroelectronics UM2071 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Programming with BlueNRG-1 system on chip
UM2071
24/56
DocID029370 Rev 3
5
Programming with BlueNRG-1 system on chip
The BlueNRG-1 Bluetooth low energy (BLE) stack is provided as a binary library. A set of
APIs to control BLE functionality. Some callbacks are also provided for user applications to
handle BLE stack events. The user is simply requested to link this binary library to his or
her application and use the relevant APIs to access BLE functions and complete the stack
event callbacks to manage responses according to application requirements.
A set of software driver APIs is also included for accessing the BlueNRG-1 SoC peripherals
and resources (ADC, GPIO, I²C, MFTX, Micro, RTC, SPI, SysTick, UART and WDG).
The development kit software includes sample code demonstrating how to configure
BluenRG-1 and use the device peripherals and BLE APIs and event callbacks.
Documentation on the BLE APIs, callbacks, and peripheral drivers are provided in separate
documents.
5.1
Software directory structure
The BlueNRG-DK software package files are organized in the following directories:
Application: containing BlueNRG-1 Navigator and Flasher PC applications.
Doc: with doxygen BLE APIs and events, BlueNRG-1 peripheral drivers, BLE demo
applications, BlueNRG-1 Peripheral examples, BlueNRG-1 SDK and HAL driver
documentation, DK release notes and license file.
Firmware: with prebuilt binary BLE and peripheral driver sample applications.
Library
Bluetooth LE: Bluetooth low energy stack binary library and all the definitions of
stack APIs, stack events callbacks and constants. Over-the-air Bluetooth low
energy firmware upgrade support.
BlueNRG1_Periph_Driver: BlueNRG-1 drivers for device peripherals (ADC,
clock, DMA, Flash, GPIO, I²C, timers, RTC, SPI, UARR and watchdog).
CMSIS: BlueNRG-1 CMSIS files.
SDK_Eval_BlueNRG1: SDK drivers providing an API interface to the BlueNRG-1
platform hardware resources (LEDs, buttons, sensors, I/O channel).
HAL: Hardware abstraction level APIs for abstracting certain BlueNRG-1
hardware features (sleep modes, clock based on SysTick, etc.).
Project
BLE_Examples: Bluetooth low energy demonstration application including
Headers, source files and EWARM, Keil and Atollic project files.
BlueNRG1_Periph_Examples: with sample applications for the BlueNRG-1
peripherals and hardware resources, including Headers, source files and project
files.
Utility: contains some utilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com