Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 4Page - STMicroelectronics SPC564A80B4 Datasheet HTML 5Page - STMicroelectronics SPC564A80B4 Datasheet HTML 6Page - STMicroelectronics SPC564A80B4 Datasheet HTML 7Page - STMicroelectronics SPC564A80B4 Datasheet HTML 8Page - STMicroelectronics SPC564A80B4 Datasheet HTML 9Page - STMicroelectronics SPC564A80B4 Datasheet HTML 10Page - STMicroelectronics SPC564A80B4 Datasheet HTML 11Page - STMicroelectronics SPC564A80B4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
8/157
Doc ID 15399 Rev 9
1
Introduction
1.1
Document Overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC564A80 series of microcontroller units (MCUs). For functional characteristics,
refer to the SPC564A80 Microcontroller Reference Manual.
1.2
Description
The microcontroller’s e200z4 host processor core is built on Power Architecture technology
and designed specifically for embedded applications. In addition to the Power Architecture
technology, this core supports instructions for digital signal processing (DSP).
The SPC564A80 has two levels of memory hierarchy consisting of 8 KB of instruction
cache, backed by 192 KB on-chip SRAM and 4 MB of internal flash memory. The
SPC564A80 includes an external bus interface, and also a calibration bus that is only
accessible when using the calibration tools.
This document describes the features of the SPC564A80 and highlights important electrical
and physical characteristics of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com