| Electronic Components Datasheet Search |
|
SPC564A80B4 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80B4 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 157 page ![]() SPC564A74L7, SPC564A80B4, SPC564A80L7 Introduction Doc ID 15399 Rev 9 25/157 The FlexCAN modules provide the following features: ● Full Implementation of the CAN protocol specification, Version 2.0B – Standard data and remote frames – Extended data and remote frames – Zero to eight bytes data length – Programmable bit rate up to 1 Mbit/s ● Content-related addressing ● 64 message buffers of zero to eight bytes data length ● Individual Rx Mask Register per message buffer ● Each message buffer configurable as Rx or Tx, all supporting standard and extended messages ● Includes 1088 bytes of embedded memory for message buffer storage ● Includes 256-byte memory for storing individual Rx mask registers ● Full featured Rx FIFO with storage capacity for six frames and internal pointer handling ● Powerful Rx FIFO ID filtering, capable of matching incoming IDs against 8 extended, 16 standard or 32 partial (8 bits) IDs, with individual masking capability ● Selectable backwards compatibility with previous FlexCAN versions ● Programmable clock source to the CAN Protocol Interface, either system clock or oscillator clock ● Listen only mode capability ● Programmable loop-back mode supporting self-test operation ● 3 programmable Mask Registers ● Programmable transmit-first scheme: lowest ID, lowest buffer number or highest priority ● Time Stamp based on 16-bit free-running timer ● Global network time, synchronized by a specific message ● Maskable interrupts ● Warning interrupts when the Rx and Tx Error Counters reach 96 ● Independent of the transmission medium (an external transceiver is assumed) ● Multi-master concept ● High immunity to EMI ● Short latency time due to an arbitration scheme for high-priority messages ● Low power mode, with programmable wake-up on bus activity |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |