Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC564A80B4 Datasheet HTML 1Page - STMicroelectronics SPC564A80B4 Datasheet HTML 2Page - STMicroelectronics SPC564A80B4 Datasheet HTML 3Page - STMicroelectronics SPC564A80B4 Datasheet HTML 4Page - STMicroelectronics SPC564A80B4 Datasheet HTML 5Page - STMicroelectronics SPC564A80B4 Datasheet HTML 6Page - STMicroelectronics SPC564A80B4 Datasheet HTML 7Page - STMicroelectronics SPC564A80B4 Datasheet HTML 8Page - STMicroelectronics SPC564A80B4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
September 2013
Doc ID 15399 Rev 9
1/157
1
SPC564A74B4, SPC564A74L7,
SPC564A80B4, SPC564A80L7
32-bit MCU family built on the embedded Power Architecture®
Features
■ 150 MHz e200z4 Power Architecture® core
– Variable length instruction encoding (VLE)
– Superscalar architecture with 2 execution
units
– Up to 2 integer or floating point instructions
per cycle
– Up to 4 multiply and accumulate operations
per cycle
■ Memory organization
– 4 MB on-chip flash memory with ECC and
Read While Write (RWW)
– 192 KB on-chip RAM with standby
functionality (32 KB) and ECC
– 8 KB instruction cache (with line locking),
configurable as 2- or 4-way
– 14 + 3 KB eTPU code and data RAM
–5
 4 crossbar switch (XBAR)
– 24-entry MMU
– External Bus Interface (EBI) with slave and
master port
■ Fail Safe Protection
– 16-entry Memory Protection Unit (MPU)
– CRC unit with 3 sub-modules
– Junction temperature sensor
■ Interrupts
– Configurable interrupt controller (with NMI)
– 64-channel DMA
■ Serial channels
–3
 eSCI
–3
 DSPI (2 of which support downstream
Micro Second Channel [MSC])
–3
 FlexCAN with 64 messages each
–1
 FlexRay module (V2.1) up to 10 Mbit/s
with dual or single channel and 128
message objects and ECC
■ 1  eMIOS
■ 1  eTPU2 (second generation eTPU)
■ 2 enhanced queued analog-to-digital
converters (eQADCs)
■ On-chip CAN/SCI/FlexRay Bootstrap loader
with Boot Assist Module (BAM)
■ Nexus: Class 3+ for core; Class 1 for the eTPU
■ JTAG (5-pin)
■ Development Trigger Semaphore (DTS)
■ Clock generation
– On-chip 4–40 MHz main oscillator
– On-chip FMPLL (frequency-modulated
phase-locked loop)
■ Up to 120 general purpose I/O lines
■ Power reduction mode: slow, stop and stand-
by modes
■ Flexible supply scheme
– 5 V single supply with external ballast
– Multiple external supply: 5 V, 3.3 V and
1.2 V
■ Designed for LQFP176, LBGA208, PBGA324
and Known Good Die (KGD)
LBGA208
PBGA324
LQFP176
Table 1.
Device summary
Memory Flash
size
Part number
Package LQFP176
Package: LBGA208
Package: PBGA324
KGD
4MB
SPC564A80L7
-
SPC564A80B4
-
3MB
SPC564A74L7
-
SPC564A74B4
-
www.st.com


Similar Part No. - SPC564A80B4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A80CAL176 STMICROELECTRONICS-SPC564A80CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
More results

Similar Description - SPC564A80B4

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
Multiply faster
logo
Grayhill, Inc
61L515-N0-040C GRAYHILL-61L515-N0-040C Datasheet
160Kb / 2P
Full Quadrature Cycle Per Detent
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
Up to 10 poles per module
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
Single Clock Cycle per Byte Fetch
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
Up to 20 Updates per Second
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
Up to 15 white LEDs per channel
04-Jun-2012
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
Up to 4 multiply and accumulate operations per cycle
18-Sep-2013
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com