| Electronic Components Datasheet Search |
|
SPC564A80B4 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80B4 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 157 page ![]() Introduction SPC564A74L7, SPC564A80B4, SPC564A80L7 20/157 Doc ID 15399 Rev 9 ● Microinstructions now provide an option to issue Interrupt and Data Transfer requests selected by channel. They can also be requested simultaneously at the same instruction. ● Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the entry point. ● Channel digital filters can be bypassed. The eTPU2 includes these distinctive features: ● 32 channels; each channel associated with one input and one output signal – Enhanced input digital filters on the input pins for improved noise immunity – Identical, orthogonal channels: each channel can perform any time function. Each time function can be assigned to more than one channel at a given time, so each signal can have any functionality. – Each channel has an event mechanism which supports single and double action functionality in various combinations. It includes two 24-bit capture registers, two 24-bit match registers, 24-bit greater-equal and equal-only comparators. – Input and output signal states visible from the host ● 2 independent 24-bit time bases for channel synchronization: – First time base clocked by system clock with programmable prescale division from 2 to 512 (in steps of 2), or by output of second time base prescaler – Second time base counter can work as a continuous angle counter, enabling angle based applications to match angle instead of time – Both time bases can be exported to the eMIOS timer module – Both time bases visible from the host ● Event-triggered microengine: – Fixed-length instruction execution in two-system-clock microcycle – 14 KB of code memory (SCM) – 3 KB of parameter (data) RAM (SPRAM) – Parallel execution of data memory, ALU, channel control and flow control sub- instructions in selected combinations – 32-bit microengine registers and 24-bit wide ALU, with 1 microcycle addition and subtraction, absolute value, bitwise logical operations on 24-bit, 16-bit, or byte operands, single-bit manipulation, shift operations, sign extension and conditional execution – Additional 24-bit Multiply/MAC/Divide unit which supports all signed/unsigned Multiply/MAC combinations, and unsigned 24-bit divide. The MAC/Divide unit works in parallel with the regular microcode commands. ● Resource sharing features support channel use of common channel registers, memory and microengine time: – Hardware scheduler works as a “task management” unit, dispatching event service routines by predefined, host-configured priority – Automatic channel context switch when a “task switch” occurs, that is, one function thread ends and another begins to service a request from other channel: channel- specific registers, flags and parameter base address are automatically loaded for the next serviced channel |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |