Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 93Page - STMicroelectronics SPC564A80B4 Datasheet HTML 94Page - STMicroelectronics SPC564A80B4 Datasheet HTML 95Page - STMicroelectronics SPC564A80B4 Datasheet HTML 96Page - STMicroelectronics SPC564A80B4 Datasheet HTML 97Page - STMicroelectronics SPC564A80B4 Datasheet HTML 98Page - STMicroelectronics SPC564A80B4 Datasheet HTML 99Page - STMicroelectronics SPC564A80B4 Datasheet HTML 100Page - STMicroelectronics SPC564A80B4 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
97/157
VOL_HS
CC P
Multi-voltage pad I/O
output low voltage in
high-swing mode(9)
—
—
0.2*VDDEH
V
VOH_S
CC P
Slow/medium pad I/O
output high voltage(9)
0.8 VDDEH
——
V
VOH_F
CC P
Fast pad I/O output high
voltage(9)
0.8 VDDE
——
V
VOH_LS
CC P
Multi-voltage pad I/O
output high voltage in
low-swing
mode(5),(6),(7),(8)
IOH_LS =
0.5 mA
2.1
3.1
3.7
V
VOH_HS
CC P
Multi-voltage pad I/O
output high voltage in
high-swing mode(9)
0.8 VDDEH
——
V
VHYS_S
CC C
Slow/medium/multi-
voltage I/O input
hysteresis
—
0.1 * VDDEH
——
V
VHYS_F
CC C
Fast I/O input hysteresis
—
0.1 * VDDE
——
V
VHYS_LS
CC C
Low-Swing-Mode Multi-
Voltage I/O Input
Hysteresis
hysteresis
enabled
0.25
—
—
v
IDD+IDDPLL
CC
P
Operating current 1.2 V
supplies
VDD at 1.32 V at
80 MHz
—
380
mA
P
VDD at 1.32V
at 120 MHz
—
400
mA
P
VDD at 1.32V
at 150 MHz
—
445
mA
IDDSTBY
CC
T
Operating current 0.95-
1.2 V
VSTBY at 55
oC
—
35
100
A
T
Operating current 2–
5.5 V
VSTBY at 55
oC
—
45
110
A
IDDSTBY27
CC
P
Operating current 0.95-
1.2 V
VSTBY 27
oC
25
90
A
P
Operating current 2-
5.5 V
VSTBY 27
oC
35
100
A
Table 21.
DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com