Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 17Page - STMicroelectronics SPC564A80B4 Datasheet HTML 18Page - STMicroelectronics SPC564A80B4 Datasheet HTML 19Page - STMicroelectronics SPC564A80B4 Datasheet HTML 20Page - STMicroelectronics SPC564A80B4 Datasheet HTML 21Page - STMicroelectronics SPC564A80B4 Datasheet HTML 22Page - STMicroelectronics SPC564A80B4 Datasheet HTML 23Page - STMicroelectronics SPC564A80B4 Datasheet HTML 24Page - STMicroelectronics SPC564A80B4 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
21/157
–
SPRAM shared between host CPU and eTPU2, supporting communication either
between channels and host or inter-channel
–
Hardware implementation of four semaphores support coherent parameter
sharing between both eTPU engines
–
Dual-parameter coherency hardware support allows atomic access to two
parameters by host
●
Test and development support features:
–
Nexus Class 1 debug, supporting single-step execution, arbitrary microinstruction
execution, hardware breakpoints and watchpoints on several conditions
–
Software breakpoints
–
SCM continuous signature-check built-in self test (MISC - multiple input signature
calculator), runs concurrently with eTPU2 normal operation
1.5.12
Reaction module
The reaction module provides the ability to modulate output signals to manage closed loop
control without CPU assistance. It works in conjunction with the eQADC and eTPU2 to
increase system performance by removing the CPU from the current control loop.
The reaction module has the following features:
●
Six reaction channels
●
Each channel output is a bus of three signals, providing ability to control 3 inputs.
●
Each channel can implement a peak and hold waveform, making it possible to
implement up to six independent peak and hold control channels
Target applications include solenoid control for direct injection systems and valve control in
automatic transmissions
1.5.13
eQADC
The enhanced queued analog to digital converter (eQADC) block provides accurate and fast
conversions for a wide range of applications. The eQADC provides a parallel interface to two
on-chip analog to digital converters (ADC), and a single master to single slave serial
interface to an off-chip external device. Both on-chip ADCs have access to all the analog
channels.
The eQADC prioritizes and transfers commands from six command conversion command
‘queues’ to the on-chip ADCs or to the external device. The block can also receive data from
the on-chip ADCs or from an off-chip external device into the six result queues, in parallel,
independently of the command queues. The six command queues are prioritized with
Queue_0 having the highest priority and Queue_5 the lowest. Queue_0 also has the added
ability to bypass all buffering and queuing and abort a currently running conversion on either
ADC and start a Queue_0 conversion. This means that Queue_0 will always have a
deterministic time from trigger to start of conversion, irrespective of what tasks the ADCs
were performing when the trigger occurred. The eQADC supports software and external
hardware triggers from other blocks to initiate transfers of commands from the queues to the
on-chip ADCs or to the external device. It also monitors the fullness of command queues
and result queues, and accordingly generates DMA or interrupt requests to control data
movement between the queues and the system memory, which is external to the eQADC.
The ADCs also support features designed to allow the direct connection of high impedance
acoustic sensors that might be used in a system for detecting engine knock. These features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com